Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2676T-12 Datasheet(PDF) 26 Page - Texas Instruments

Part # LM2676T-12
Description  LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2676T-12 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM2676T-12 Datasheet HTML 22Page - Texas Instruments LM2676T-12 Datasheet HTML 23Page - Texas Instruments LM2676T-12 Datasheet HTML 24Page - Texas Instruments LM2676T-12 Datasheet HTML 25Page - Texas Instruments LM2676T-12 Datasheet HTML 26Page - Texas Instruments LM2676T-12 Datasheet HTML 27Page - Texas Instruments LM2676T-12 Datasheet HTML 28Page - Texas Instruments LM2676T-12 Datasheet HTML 29Page - Texas Instruments LM2676T-12 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM2676S-12
NRND
DDPAK/
TO-263
KTW
7
45
TBD
Call TI
Call TI
-40 to 125
LM2676
S-12
LM2676S-12/NOPB
ACTIVE
DDPAK/
TO-263
KTW
7
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2676
S-12
LM2676S-3.3
NRND
DDPAK/
TO-263
KTW
7
45
TBD
Call TI
Call TI
-40 to 125
LM2676
S-3.3
LM2676S-3.3/NOPB
ACTIVE
DDPAK/
TO-263
KTW
7
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2676
S-3.3
LM2676S-5.0
NRND
DDPAK/
TO-263
KTW
7
45
TBD
Call TI
Call TI
-40 to 125
LM2676
S-5.0
LM2676S-5.0/NOPB
ACTIVE
DDPAK/
TO-263
KTW
7
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2676
S-5.0
LM2676S-ADJ
NRND
DDPAK/
TO-263
KTW
7
45
TBD
Call TI
Call TI
-40 to 125
LM2676
S-ADJ
LM2676S-ADJ/NOPB
ACTIVE
DDPAK/
TO-263
KTW
7
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
-40 to 125
LM2676
S-ADJ
LM2676SD-12/NOPB
ACTIVE
VSON
NHM
14
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
S0003LB
LM2676SD-3.3
NRND
VSON
NHM
14
250
TBD
Call TI
Call TI
-40 to 125
S0003NB
LM2676SD-3.3/NOPB
ACTIVE
VSON
NHM
14
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
S0003NB
LM2676SD-5.0/NOPB
ACTIVE
VSON
NHM
14
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
S0003PB
LM2676SD-ADJ
NRND
VSON
NHM
14
250
TBD
Call TI
Call TI
-40 to 125
S0003RB
LM2676SD-ADJ/NOPB
ACTIVE
VSON
NHM
14
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
S0003RB
LM2676SDX-12/NOPB
ACTIVE
VSON
NHM
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
S0003LB
LM2676SDX-3.3/NOPB
ACTIVE
VSON
NHM
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
S0003NB
LM2676SDX-5.0/NOPB
ACTIVE
VSON
NHM
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 125
S0003PB
LM2676SDX-ADJ
NRND
VSON
NHM
14
2500
TBD
Call TI
Call TI
-40 to 125
S0003RB


Similar Part No. - LM2676T-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2676T-12 NSC-LM2676T-12 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2676T-12 TI-LM2676T-12 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-12 TI-LM2676T-12 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-12/NOPB TI1-LM2676T-12/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-12/NOPB TI1-LM2676T-12/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results

Similar Description - LM2676T-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2676S-5 TI1-LM2676S-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676T-5 TI-LM2676T-5 Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI1-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com