Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2671M-12 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2671M-12
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671M-12 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2671M-12 Datasheet HTML 5Page - Texas Instruments LM2671M-12 Datasheet HTML 6Page - Texas Instruments LM2671M-12 Datasheet HTML 7Page - Texas Instruments LM2671M-12 Datasheet HTML 8Page - Texas Instruments LM2671M-12 Datasheet HTML 9Page - Texas Instruments LM2671M-12 Datasheet HTML 10Page - Texas Instruments LM2671M-12 Datasheet HTML 11Page - Texas Instruments LM2671M-12 Datasheet HTML 12Page - Texas Instruments LM2671M-12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
LM2671
www.ti.com
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
Typical Performance Characteristics
(Circuit of Figure 22)
Continuous Mode Switching Waveforms
Discontinuous Mode Switching Waveforms
VIN = 20V, VOUT = 5V, ILOAD = 500 mA
VIN = 20V, VOUT = 5V, ILOAD = 300 mA
L = 100
μH, COUT = 100 μF, COUTESR = 0.1Ω
L = 15
μH, COUT = 68 μF (2×), COUTESR = 25 mΩ
A: VSW Pin Voltage, 10 V/div.
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 0.2 A/div
B: Inductor Current, 0.5 A/div
C: Output Ripple Voltage, 50 mV/div AC-Coupled
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Figure 18. Horizontal Time Base: 1
μs/div
Figure 19. Horizontal Time Base: 1
μs/div
Load Transient Response for Continuous Mode
Load Transient Response for Discontinuous Mode
VIN = 20V, VOUT = 5V
VIN = 20V, VOUT = 5V,
L = 100
μH, COUT = 100 μF, COUTESR = 0.1Ω
L = 47
μH, COUT = 68 μF, COUTESR = 50 mΩ
A: Output Voltage, 100 mV/div, AC-Coupled
A: Output Voltage, 100 mV/div, AC-Coupled
B: Load Current: 100 mA to 500 mA Load Pulse
B: Load Current: 100 mA to 400 mA Load Pulse
Figure 20. Horizontal Time Base: 50
μs/div
Figure 21. Horizontal Time Base: 200
μs/div
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2671


Similar Part No. - LM2671M-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2671M-12 NSC-LM2671M-12 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2671M-12 NSC-LM2671M-12 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671M-12 TI-LM2671M-12 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671M-12/NOPB TI1-LM2671M-12/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
LM2671M-12/NOPB TI1-LM2671M-12/NOPB Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
More results

Similar Description - LM2671M-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2671MX-33 TI-LM2671MX-33 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671M-ADJ TI1-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-5 TI-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-ADJ TI-LM2675MX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-33 TI-LM2675M-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-5.0 TI-LM2675MX-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2672M-ADJ TI-LM2672M-ADJ Datasheet
1Mb / 33P
[Old version datasheet]   LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com