Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2592HVSX-5.0 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2592HVSX-5.0
Description  LM2592HV SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2592HVSX-5.0 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2592HVSX-5.0 Datasheet HTML 5Page - Texas Instruments LM2592HVSX-5.0 Datasheet HTML 6Page - Texas Instruments LM2592HVSX-5.0 Datasheet HTML 7Page - Texas Instruments LM2592HVSX-5.0 Datasheet HTML 8Page - Texas Instruments LM2592HVSX-5.0 Datasheet HTML 9Page - Texas Instruments LM2592HVSX-5.0 Datasheet HTML 10Page - Texas Instruments LM2592HVSX-5.0 Datasheet HTML 11Page - Texas Instruments LM2592HVSX-5.0 Datasheet HTML 12Page - Texas Instruments LM2592HVSX-5.0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LM2592HV
www.ti.com
SNVS075C – MAY 2001 – REVISED APRIL 2013
Select R1 to be approximately 1 kΩ, use a 1% resistor for best stability.
Component Values shown are for VIN = 20V,
VOUT = 10V, ILOAD = 2A.
CIN: — 470 μF, 35V, Aluminum Electrolytic Nichicon “PM Series”
COUT: — 220 μF, 35V Aluminum Electrolytic, Nichicon “PM Series”
D1 — 3.3A, 60V Schottky Rectifier, 31DQ06 (International Rectifier)
L1 — 47
μH, See INDUCTOR VALUE SELECTION GUIDES
R1 — 1 kΩ, 1%
R2 — 7.15k, 1%
CFF — 3.3 nF
Typical Values
CSS — 0.1 μF
CDELAY — 0.1 μF
RPULL UP — 4.7k (use 22k if VOUT is ≥ 45V)
† Small signal Schottky diode to prevent damage to feedback pin by negative spike when output is shorted (CFF not
being able to discharge immediately will drag feedback pin below ground). Required if VIN > 40V
Figure 23. Adjustable Output Voltage Versions
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2592HV


Similar Part No. - LM2592HVSX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2592HVSX-5.0/NOPB TI1-LM2592HVSX-5.0/NOPB Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
More results

Similar Description - LM2592HVSX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com