Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2592HVS-ADJ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2592HVS-ADJ
Description  LM2592HV SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2592HVS-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  LM2592HVS-ADJ Datasheet HTML 1Page - Texas Instruments LM2592HVS-ADJ Datasheet HTML 2Page - Texas Instruments LM2592HVS-ADJ Datasheet HTML 3Page - Texas Instruments LM2592HVS-ADJ Datasheet HTML 4Page - Texas Instruments LM2592HVS-ADJ Datasheet HTML 5Page - Texas Instruments LM2592HVS-ADJ Datasheet HTML 6Page - Texas Instruments LM2592HVS-ADJ Datasheet HTML 7Page - Texas Instruments LM2592HVS-ADJ Datasheet HTML 8Page - Texas Instruments LM2592HVS-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM2592HV
www.ti.com
SNVS075C – MAY 2001 – REVISED APRIL 2013
LM2592HV SIMPLE SWITCHER® Power Converter 150 kHz 2A Step-Down Voltage
Regulator
Check for Samples: LM2592HV
1
FEATURES
DESCRIPTION
The LM2592HV series of regulators are monolithic
23
3.3V, 5V, and Adjustable Output Versions
integrated circuits that provide all the active functions
Adjustable Version Output Voltage Range,
for a step-down (buck) switching regulator, capable of
1.2V to 57V ±4% Max Over Line and Load
driving a 2A load with excellent line and load
Conditions
regulation. These devices are available in fixed output
voltages of 3.3V, 5V, and an adjustable output
Ensured 2A Output Load Current
version.
Available in 5-Pin Package
This series of switching regulators is similar to the
Input Voltage Range up to 60V
LM2593HV, but without some of the supervisory and
150 kHz Fixed Frequency Internal Oscillator
performance features of the latter.
On/Off Control
Requiring
a
minimum
number
of
external
Low Power Standby Mode, IQ Typically 90 μA
components, these regulators are simple to use and
High Efficiency
include internal frequency compensation†, improved
line and load specifications and a fixed-frequency
Thermal Shutdown and Current Limit
oscillator.
Protection
The LM2592HV operates at a switching frequency of
APPLICATIONS
150 kHz thus allowing smaller sized filter components
than what would be needed with lower frequency
Simple High-Efficiency Step-Down (Buck)
switching regulators. Available in a standard 5-lead
Regulator
package with several different lead bend options, and
Efficient Pre-Regulator for Linear Regulators
a 5-lead Surface mount package.
On-Card Switching Regulators
Other features include a ensured ±4% tolerance on
Positive to Negative Converter
output voltage under all conditions of input voltage
and output load conditions, and ±15% on the
oscillator frequency. External shutdown is included,
featuring
typically
90
μA standby current. Self
protection features include a two stage current limit
for the output switch and an over temperature
shutdown
for
complete
protection
under
fault
conditions.
† Patent Number 5,382,918.
TYPICAL APPLICATION
(Fixed Output Voltage Versions)
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2592HVS-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2592HVS-ADJ NSC-LM2592HVS-ADJ Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
logo
Texas Instruments
LM2592HVS-ADJ TI1-LM2592HVS-ADJ Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2592HVS-ADJ UMW-LM2592HVS-ADJ Datasheet
1Mb / 14P
   2A Step-Down Voltage Regulator
logo
Texas Instruments
LM2592HVS-ADJ/NOPB TI1-LM2592HVS-ADJ/NOPB Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
More results

Similar Description - LM2592HVS-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com