Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF353DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LF353DR
Description  JFET-INPUT DUAL OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF353DR Datasheet(HTML) 1 Page - Texas Instruments

  LF353DR Datasheet HTML 1Page - Texas Instruments LF353DR Datasheet HTML 2Page - Texas Instruments LF353DR Datasheet HTML 3Page - Texas Instruments LF353DR Datasheet HTML 4Page - Texas Instruments LF353DR Datasheet HTML 5Page - Texas Instruments LF353DR Datasheet HTML 6Page - Texas Instruments LF353DR Datasheet HTML 7Page - Texas Instruments LF353DR Datasheet HTML 8Page - Texas Instruments LF353DR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LF353
JFET-INPUT
DUAL OPERATIONAL AMPLIFIER
SLOS012B – MARCH 1987 – REVISED AUGUST 1994
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Input Bias Current...50 pA Typ
D Low Input Noise Current
0.01 pA/
√Hz Typ
D Low Input Noise Voltage . . . 18 nV/√Hz Typ
D Low Supply Current... 3.6 mA Typ
D High Input Impedance...1012 Ω Typ
D Internally Trimmed Offset Voltage
D Gain Bandwidth...3 MHz Typ
D High Slew Rate...13 V/µs Typ
description
This device is a low-cost, high-speed, JFET-input operational amplifier with very low input offset voltage. It
requires low supply current yet maintains a large gain-bandwidth product and a fast slew rate. In addition, the
matched high-voltage JFET input provides very low input bias and offset currents.
The LF353 can be used in applications such as high-speed integrators, digital-to-analog converters,
sample-and-hold circuits, and many other circuits.
The LF353 is characterized for operation from 0
°C to 70°C.
symbol (each amplifier
IN –
OUT
IN +
AVAILABLE OPTIONS
VIOmax
PACKAGE
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
0
°C to 70°C
10 mV
LF353D
LF353P
The D packages are available taped and reeled. Add the suffix R to the
device type (ie., LF353DR).
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC +
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC –
– 18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short circuit
unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: Unless otherwise specified, the absolute maximum negative input voltage is equal to the negative power supply voltage.
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VCC–
VCC+
2OUT
2IN –
2IN +
(TOP VIEW)
D OR P PACKAGE


Similar Part No. - LF353DR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LF353D MOTOROLA-LF353D Datasheet
101Kb / 4P
   FAMILY OF JFET OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF353D ONSEMI-LF353D Datasheet
80Kb / 4P
   Operational Amplifiers
March, 2002 ??Rev. 1
More results

Similar Description - LF353DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092 Datasheet
101Kb / 6P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI1-LF412C Datasheet
382Kb / 10P
[Old version datasheet]   Dual JFET-INPUT Operational Amplifier
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
OP215GS AD-OP215GS Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
logo
National Semiconductor ...
LME49880 NSC-LME49880 Datasheet
502Kb / 14P
   Dual JFET Input Audio Operational Amplifier
logo
Analog Devices
OP215 AD-OP215 Datasheet
162Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP-215 AD-OP-215 Datasheet
393Kb / 8P
   DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com