Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1812JBD144 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC1812JBD144
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1812JBD144 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC1812JBD144 Datasheet HTML 3Page - NXP Semiconductors LPC1812JBD144 Datasheet HTML 4Page - NXP Semiconductors LPC1812JBD144 Datasheet HTML 5Page - NXP Semiconductors LPC1812JBD144 Datasheet HTML 6Page - NXP Semiconductors LPC1812JBD144 Datasheet HTML 7Page - NXP Semiconductors LPC1812JBD144 Datasheet HTML 8Page - NXP Semiconductors LPC1812JBD144 Datasheet HTML 9Page - NXP Semiconductors LPC1812JBD144 Datasheet HTML 10Page - NXP Semiconductors LPC1812JBD144 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 147 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 31 October 2012
7 of 147
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
6.
Pinning information
6.1 Pinning
6.2 Pin description
On the LPC185x/3x/2x/1x, digital pins are grouped into 16 ports, named P0 to P9 and PA
to PF, with up to 20 pins used per port. Each digital pin can support up to eight different
digital functions, including General-Purpose I/O (GPIO), selectable through the SCU
registers.
The pin name is not indicative of the GPIO port assigned to it.
Fig 2.
Pin configuration LBGA256 package
Fig 3.
Pin configuration TFBGA100 package
002aag541
LPC185x/3xFET256
Transparent top view
T
R
P
N
M
L
J
G
K
H
F
E
D
C
B
A
2
4
6
8
10
12
13
14
15
16
13579
11
ball A1
index area
002aah356
LPC183x/2x/1xFET100
Transparent top view
J
G
K
H
F
E
D
C
B
A
2468
10
13579
ball A1
index area
Fig 4.
Pin configuration LQFP208 package
Fig 5.
Pin configuration LQFP144 package
LPC1857/53FBD208
104
53
157
208
002aag543
LPC183x/2x/1xFBD144
72
37
109
144
002aah357


Similar Part No. - LPC1812JBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1812JBD144 NXP-LPC1812JBD144 Datasheet
70Kb / 11P
   Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Rev. 2.1-23 November 2012
LPC1812JBD144 NXP-LPC1812JBD144 Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
More results

Similar Description - LPC1812JBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com