Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4005EPK Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG4005EPK
Description  40 V, 0.5 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG4005EPK Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG4005EPK Datasheet HTML 5Page - NXP Semiconductors PMEG4005EPK Datasheet HTML 6Page - NXP Semiconductors PMEG4005EPK Datasheet HTML 7Page - NXP Semiconductors PMEG4005EPK Datasheet HTML 8Page - NXP Semiconductors PMEG4005EPK Datasheet HTML 9Page - NXP Semiconductors PMEG4005EPK Datasheet HTML 10Page - NXP Semiconductors PMEG4005EPK Datasheet HTML 11Page - NXP Semiconductors PMEG4005EPK Datasheet HTML 12Page - NXP Semiconductors PMEG4005EPK Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PMEG4005EPK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 6 March 2012
9 of 14
NXP Semiconductors
PMEG4005EPK
40 V, 0.5 A low VF MEGA Schottky barrier rectifier
The current ratings for the typical waveforms are calculated according to the equations:
IF(AV) = IM × δ with IM defined as peak current, IRMS = IF(AV) at DC, and IRMS = IM × √δ with
IRMS defined as RMS current.
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics
Council (AEC) standard Q101 - Stress test qualification for discrete semiconductors, and
is suitable for use in automotive applications.
Fig 15. Forward recovery definition
Fig 16. Duty cycle definition
001aab912
time
time
VFRM
VF
IF
VF
tp
tcy
P
t
006aac658
duty cycle δ =
tp
tcy


Similar Part No. - PMEG4005EPK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4005EPK NEXPERIA-PMEG4005EPK Datasheet
246Kb / 12P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
30 April 2020
logo
NXP Semiconductors
PMEG4005EPK PHILIPS-PMEG4005EPK_15 Datasheet
1Mb / 14P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
More results

Similar Description - PMEG4005EPK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG4005EGW NEXPERIA-PMEG4005EGW Datasheet
683Kb / 12P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG4005ESF NEXPERIA-PMEG4005ESF Datasheet
705Kb / 14P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG4005CEJ NEXPERIA-PMEG4005CEJ Datasheet
686Kb / 13P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4005AESF NXP-PMEG4005AESF Datasheet
200Kb / 16P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
6 February 2015
logo
Nexperia B.V. All right...
PMEG4005CEA NEXPERIA-PMEG4005CEA Datasheet
697Kb / 14P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG4005EGW-Q NEXPERIA-PMEG4005EGW-Q Datasheet
221Kb / 11P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
10 August 2022
PMEG4005EPK NEXPERIA-PMEG4005EPK Datasheet
246Kb / 12P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
30 April 2020
logo
NXP Semiconductors
PMEG4005EPK PHILIPS-PMEG4005EPK_15 Datasheet
1Mb / 14P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
logo
Nexperia B.V. All right...
PMEG4005AESF NEXPERIA-PMEG4005AESF Datasheet
709Kb / 16P
   40 V, 0.5 A low VF MEGA Schottky barrier rectifier
6 February 2015
PMEG4005EJ-Q NEXPERIA-PMEG4005EJ-Q Datasheet
187Kb / 10P
   40 V, 0.5 A very low VF MEGA Schottky barrier rectifier
6 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com