Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDZ3.3B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDZ3.3B
Description  Voltage regulator diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDZ3.3B Datasheet(HTML) 5 Page - NXP Semiconductors

  PDZ3.3B Datasheet HTML 1Page - NXP Semiconductors PDZ3.3B Datasheet HTML 2Page - NXP Semiconductors PDZ3.3B Datasheet HTML 3Page - NXP Semiconductors PDZ3.3B Datasheet HTML 4Page - NXP Semiconductors PDZ3.3B Datasheet HTML 5Page - NXP Semiconductors PDZ3.3B Datasheet HTML 6Page - NXP Semiconductors PDZ3.3B Datasheet HTML 7Page - NXP Semiconductors PDZ3.3B Datasheet HTML 8Page - NXP Semiconductors PDZ3.3B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Table 2
Per type
Tj = 25 °C unless otherwise specified.
TYPE
NUMBER
WORKING VOLTAGE
VZ (V)
at IZ = 5 mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZ = 5 mA
(see Figs 4 and 5)
DIODE CAP.
Cd (pF) at
f = 1 MHz;
VR = 0
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A) at tp = 100 μs;
Tamb = 25 °C
MIN.
MAX.
MAX.
at IZ
(mA)
MAX.
at IZ
(mA)
TYP.
MAX.
MAX.
PDZ2.4B
2.43
2.63
1000
0.5
100
5
−1.6
450
8.0
PDZ2.7B
2.69
2.91
1000
0.5
100
5
−2.0
440
8.0
PDZ3.0B
2.85
3.07
1000
0.5
95
5
−2.1
425
8.0
PDZ3.3B
3.32
3.53
1000
0.5
95
5
−2.4
410
8.0
PDZ3.6B
3.60
3.85
500
1.0
90
5
−2.4
390
8.0
PDZ3.9B
3.89
4.16
500
1.0
90
5
−2.5
370
8.0
PDZ4.3B
4.17
4.48
600
1.0
90
5
−2.5
350
8.0
PDZ4.7B
4.55
4.75
600
1.0
90
5
−1.4
325
8.0
PDZ5.1B
4.96
5.20
250
0.5
60
5
0.3
300
5.5
PDZ5.6B
5.48
5.73
100
0.5
50
5
1.9
275
5.5
PDZ6.2B
6.06
6.33
80
0.5
50
5
2.7
250
5.5
PDZ6.8B
6.65
6.93
60
0.5
40
5
3.4
215
5.5
PDZ7.5B
7.28
7.60
60
0.5
10
5
4.0
170
3.5
PDZ8.2B
8.02
8.36
60
0.5
10
5
4.6
150
3.5
PDZ9.1B
8.85
9.23
60
0.5
10
5
5.5
120
3.5
PDZ10B
9.77
10.21
60
0.5
10
5
6.4
110
3.5
PDZ11B
10.78
11.22
60
0.5
10
5
7.4
108
3.0
PDZ12B
11.74
12.24
80
0.5
10
5
8.4
105
3.0
PDZ13B
12.91
13.49
80
0.5
10
5
9.4
103
2.5
PDZ15B
14.34
14.98
80
0.5
15
5
11.4
99
2.0
PDZ16B
15.85
16.51
80
0.5
20
5
12.4
97
1.5
PDZ18B
17.56
18.35
80
0.5
20
5
14.4
93
1.5
PDZ20B
19.52
20.39
100
0.5
20
5
16.4
88
1.5
PDZ22B
21.54
22.47
100
0.5
25
5
18.4
84
1.3
PDZ24B
23.72
24.78
120
0.5
30
5
20.4
80
1.3
PDZ27B
26.19
27.53
150
0.5
40
5
23.4
73
1.0
PDZ30B
29.19
30.69
200
0.5
40
5
26.6
66
1.0
PDZ33B
32.15
33.79
250
0.5
40
5
29.7
60
0.9
PDZ36B
35.07
36.87
300
0.5
60
5
33.0
59
0.8


Similar Part No. - PDZ3.3B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDZ3.3B PHILIPS-PDZ3.3B Datasheet
63Kb / 8P
   Voltage regulator diodes
1998 Apr 23
PDZ3.3B NXP-PDZ3.3B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
logo
Nexperia B.V. All right...
PDZ3.3B NEXPERIA-PDZ3.3B Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 5 - 21 December 2022
PDZ3.3B-Q NEXPERIA-PDZ3.3B-Q Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
PDZ3.3BGW NEXPERIA-PDZ3.3BGW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
More results

Similar Description - PDZ3.3B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com