Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCF8583P Datasheet(PDF) 20 Page - NXP Semiconductors

Part No. PCF8583P
Description  Clock and calendar with 240 x 8-bit RAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8583P Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8583P Datasheet HTML 16Page - NXP Semiconductors PCF8583P Datasheet HTML 17Page - NXP Semiconductors PCF8583P Datasheet HTML 18Page - NXP Semiconductors PCF8583P Datasheet HTML 19Page - NXP Semiconductors PCF8583P Datasheet HTML 20Page - NXP Semiconductors PCF8583P Datasheet HTML 21Page - NXP Semiconductors PCF8583P Datasheet HTML 22Page - NXP Semiconductors PCF8583P Datasheet HTML 23Page - NXP Semiconductors PCF8583P Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
20 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
10. Characteristics
10.1 Static characteristics
[1]
Typical values measured at Tamb = 25 °C.
[2]
When the device is powered on, VDD must exceed 1.5 V until the stable operation of the oscillator is established.
[3]
Event counter mode: supply current dependant upon input frequency.
[4]
See Figure 21.
[5]
The I2C-bus logic is disabled if VDD < Ven.
[6]
When the voltages are above or below the supply voltages VDD or VSS, an input current will flow; this current must not exceed ±0.5 mA.
[7]
Tested on a sample basis.
Table 7.
Static characteristics
VDD = 2.5 V to 6.0 V; VSS = 0 V; Tamb = 40 °C to +85 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD
supply voltage
operating mode
I2C-bus active
2.5
-
6.0
V
I2C-bus inactive
1.0
-
6.0
V
quartz oscillator
Tamb = 0 °C to +70 °C
[2]
1.0
-
6.0
V
IDD
supply current
operating mode
fSCL = 100 kHz clock mode
[3]
-
-
200
μA
clock mode; fSCL = 0 Hz
VDD = 5.0 V
[4]
-10
50
μA
VDD = 1.0 V
[4]
-2
10
μA
data retention;
fOSCI = 0 Hz; VDD = 1.0 V
Tamb = −40 °C to +85 °C
--5
μA
Tamb = −25 °C to +70 °C
--2
μA
Ven
enable voltage
I2C-bus enable level
[5]
1.5
1.9
2.3
V
Pin SDA
VIL
LOW-level input voltage
[6]
−0.8
-
0.3VDD
V
VIH
HIGH-level input voltage
[6]
0.7VDD
-VDD + 0.8 V
IOL
LOW-level output current
3.0
-
-
mA
ILI
input leakage current
−1-
+1
μA
CI
input capacitance
[7]
--7
pF
Pins A0 and OSCI
ILI
input leakage current
VI = VDD or VSS
−250
-
+250
nA
Pin INT
IOL
LOW-level output current
VOL = 0.4 V
3
-
-
mA
ILI
input leakage current
VI = VDD or VSS
−1-
+1
μA
Pin SCL
ILI
input leakage current
VI = VDD or VSS
−1-
+1
μA
CI
input capacitance
[7]
--7
pF


Similar Part No. - PCF8583P

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
PCF8583P PHILIPS-PCF8583P Datasheet
162Kb / 28P
   Clock/calendar with 240 x 8-bit RAM
1997 Jul 15
PCF8583P NXP-PCF8583P Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8583P NXP-PCF8583P Datasheet
595Kb / 37P
   Clock and calendar with 240 X 8-bit RAM
Rev. 06-6 October 2010
PCF8583P PHILIPS-PCF8583P Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8583PF5-112 PHILIPS-PCF8583PF5-112 Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
More results

Similar Description - PCF8583P

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
PCF8583 NXP-PCF8583 Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8583PN NXP-PCF8583PN Datasheet
595Kb / 37P
   Clock and calendar with 240 X 8-bit RAM
Rev. 06-6 October 2010
PCF8583PF5-112 PHILIPS-PCF8583PF5-112 Datasheet
595Kb / 37P
   Clock and calendar with 240 x 8-bit RAM
Rev. 06-6 October 2010
PCF8583 PHILIPS-PCF8583 Datasheet
162Kb / 28P
   Clock/calendar with 240 x 8-bit RAM
1997 Jul 15
NEC
NEC
UPD4992 NEC-UPD4992 Datasheet
101Kb / 16P
   8-Bit Parallel I/O Calendar Clock
NXP Semiconductors
NXP Semiconductors
PCF8564A NXP-PCF8564A Datasheet
924Kb / 44P
   Real time clock and calendar
Rev. 1-8 October 2009
PCF8564A_1308 NXP-PCF8564A_1308 Datasheet
386Kb / 48P
   Real time clock and calendar
Rev. 3-26 August 2013
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
   Real time clock and calendar
Rev. 02-30 September 2010
PCF8593 NXP-PCF8593 Datasheet
572Kb / 35P
   Low power clock and calendar
Rev. 04-6 October 2010
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz