Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1853FET256 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC1853FET256
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1853FET256 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC1853FET256 Datasheet HTML 1Page - NXP Semiconductors LPC1853FET256 Datasheet HTML 2Page - NXP Semiconductors LPC1853FET256 Datasheet HTML 3Page - NXP Semiconductors LPC1853FET256 Datasheet HTML 4Page - NXP Semiconductors LPC1853FET256 Datasheet HTML 5Page - NXP Semiconductors LPC1853FET256 Datasheet HTML 6Page - NXP Semiconductors LPC1853FET256 Datasheet HTML 7Page - NXP Semiconductors LPC1853FET256 Datasheet HTML 8Page - NXP Semiconductors LPC1853FET256 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 147 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary data sheet
Rev. 4 — 31 October 2012
5 of 147
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
4.1 Ordering options
[1]
J = -40 °C to +105 °C; F = -40 °C to +85 °C.
Table 2.
Ordering options
LPC1857FET256
1 MB
512 kB
512 kB
136 kB
yes
yes
yes
yes/yes yes
yes
8
F
164
LPC1857JET256
1 MB
512 kB
512 kB
136 kB
yes
yes
yes
yes/yes yes
yes
8
J
164
LPC1857JBD208
1 MB
512 kB
512 kB
136 kB
yes
yes
yes
yes/yes yes
yes
8
J
142
LPC1853FET256
512 kB 256 kB
256 kB
136 kB
yes
yes
yes
yes/yes yes
yes
8
F
164
LPC1853JET256
512 kB 256 kB
256 kB
136 kB
yes
yes
yes
yes/yes yes
yes
8
J
164
LPC1853JBD208
512 kB 256 kB
256 kB
136 kB
yes
yes
yes
yes/yes yes
yes
8
J
142
LPC1837FET256
1 MB
512 kB
512 kB
136 kB
no
yes
yes
yes/yes yes
yes
8
F
164
LPC1837JET256
1 MB
512 kB
512 kB
136 kB
no
yes
yes
yes/yes yes
yes
8
J
164
LPC1837JBD144
1 MB
512 kB
512 kB
136 kB
no
yes
yes
yes/yes yes
no
8
J
83
LPC1837JET100
1 MB
512 kB
512 kB
136 kB
no
yes
yes
yes/yes no
no
4
J
49
LPC1833FET256
512 kB 256 kB
256 kB
136 kB
no
yes
yes
yes/yes yes
yes
8
F
164
LPC1833JET256
512 kB 256 kB
256 kB
136 kB
no
yes
yes
yes/yes yes
yes
8
J
164
LPC1833JBD144
512 kB 256 kB
256 kB
136 kB
no
yes
yes
yes/yes yes
no
8
J
83
LPC1833JET100
512 kB 256 kB
256 kB
136 kB
no
yes
yes
yes/yes no
no
4
J
49
LPC1827JBD144
1 MB
512 kB
512 kB
136 kB
no
no
yes
no/no
yes
no
8
J
83
LPC1827JET100
1 MB
512 kB
512 kB
136 kB
no
no
yes
no/no
no
no
4
J
49
LPC1825JBD144
768 kB 384 kB
384 kB
136 kB
no
no
yes
no/no
yes
no
8
J
83
LPC1825JET100
768 kB 384 kB
384 kB
136 kB
no
no
yes
no/no
no
no
4
J
49
LPC1823JBD144
512 kB 256 kB
256 kB
104 kB
no
no
yes
no/no
yes
no
8
J
83
LPC1823JET100
512 kB 256 kB
256 kB
104 kB
no
no
yes
no/no
no
no
4
J
49
LPC1822JBD144
512 kB 512 kB
0 kB
104 kB
no
no
yes
no/no
yes
no
8
J
83
LPC1822JET100
512 kB 512 kB
0 kB
104 kB
no
no
yes
no/no
no
no
4
J
49
LPC1817JBD144
1 MB
512 kB
512 kB
136 kB
no
no
no
no/no
yes
no
8
J
83
LPC1817JET100
1 MB
512 kB
512 kB
136 kB
no
no
no
no/no
no
no
4
J
49
LPC1815JBD144
768 kB 384 kB
384 kB
136 kB
no
no
no
no/no
yes
no
8
J
83
LPC1815JET100
768 kB 384 kB
384 kB
136 kB
no
no
no
no/no
no
no
4
J
49
LPC1813JBD144
512 kB 256 kB
256 kB
104 kB
no
no
no
no/no
yes
no
8
J
83
LPC1813JET100
512 kB 256 kB
256 kB
104 kB
no
no
no
no/no
no
no
4
J
49
LPC1812JBD144
512 kB 512 kB
0 kB
104 kB
no
no
no
no/no
yes
no
8
J
83
LPC1812JET100
512 kB 512 kB
0 kB
104 kB
no
no
no
no/no
no
no
4
J
49


Similar Part No. - LPC1853FET256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1853FET256 NXP-LPC1853FET256 Datasheet
70Kb / 11P
   Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Rev. 2.1-23 November 2012
LPC1853FET256 NXP-LPC1853FET256 Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
More results

Similar Description - LPC1853FET256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com