Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1823JBD144E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC1823JBD144E
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1823JBD144E Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC1823JBD144E Datasheet HTML 1Page - NXP Semiconductors LPC1823JBD144E Datasheet HTML 2Page - NXP Semiconductors LPC1823JBD144E Datasheet HTML 3Page - NXP Semiconductors LPC1823JBD144E Datasheet HTML 4Page - NXP Semiconductors LPC1823JBD144E Datasheet HTML 5Page - NXP Semiconductors LPC1823JBD144E Datasheet HTML 6Page - NXP Semiconductors LPC1823JBD144E Datasheet HTML 7Page - NXP Semiconductors LPC1823JBD144E Datasheet HTML 8Page - NXP Semiconductors LPC1823JBD144E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 147 page
background image
1.
General description
The LPC185x/3x/2x/1x are ARM Cortex-M3 based microcontrollers for embedded
applications. The ARM Cortex-M3 is a next generation core that offers system
enhancements such as low power consumption, enhanced debug features, and a high
level of support block integration.
The LPC185x/3x/2x/1x operate at CPU frequencies of up to 180 MHz. The ARM
Cortex-M3 CPU incorporates a 3-stage pipeline and uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals. The ARM
Cortex-M3 CPU also includes an internal prefetch unit that supports speculative
branching.
The LPC185x/3x/2x/1x include up to 1 MB of flash and 136 kB of on-chip SRAM, 16 kB of
EEPROM memory, a quad SPI Flash Interface (SPIFI), a State Configurable Timer (SCT)
subsystem, two High-speed USB controllers, Ethernet, LCD, an external memory
controller, and multiple digital and analog peripherals.
2.
Features and benefits
Processor core
ARM Cortex-M3 processor, running at CPU frequencies of up to 180 MHz.
ARM Cortex-M3 built-in Memory Protection Unit (MPU) supporting eight regions.
ARM Cortex-M3 built-in Nested Vectored Interrupt Controller (NVIC).
Non-maskable Interrupt (NMI) input.
JTAG and Serial Wire Debug, serial trace, eight breakpoints, and four watch points.
Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
System tick timer.
On-chip memory
Up to 1 MB on-chip dual bank flash memory with flash accelerator.
16 kB on-chip EEPROM data memory.
136 kB SRAM for code and data use.
Multiple SRAM blocks with separate bus access.
64 kB ROM containing boot code and on-chip software drivers.
64 bit of One-Time Programmable (OTP) memory for general-purpose use.
Clock generation unit
Crystal oscillator with an operating range of 1 MHz to 25 MHz.
12 MHz internal RC oscillator trimmed to 2 % accuracy over temperature and
voltage (1 % accuracy for Tamb = 0 °C to 85 °C).
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 4 — 31 October 2012
Preliminary data sheet


Similar Part No. - LPC1823JBD144E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1823JBD144 NXP-LPC1823JBD144 Datasheet
70Kb / 11P
   Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Rev. 2.1-23 November 2012
LPC1823JBD144 NXP-LPC1823JBD144 Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
More results

Similar Description - LPC1823JBD144E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com