Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM3602-50-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM3602-50-RC
Description  SMD Inductor/Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM3602-50-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM3602-50-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM3602-50-RC Datasheet HTML 2Page - Bourns Electronic Solutions PM3602-50-RC Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Formerly
model
Current rating up to 3.3 A
Dielectric strength of 500 Vrms
Tape and reel packaging
RoHS compliant*
Applications
Parallel, series, dual differential mode
inductor and 1:1 ratio transformer
PM3600 Series - SMD Inductor/Transformer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications
General Specifications
Temperature Rise ..... 35 °C max. at Irms
Operating Temperature
................................ -55 °C to +125 °C
Storage Temperature
................................ -55 °C to +125 °C
Soldering .......... 245 °C, 5 seconds max.
Dielectric Strength ................... 500 Vrms
between windings
Materials
Core.................................................. Iron
Wire ........... Polyurethane-coated copper
Terminal Coating............. Sn-Ag-Cu alloy
Packaging
PM3602........700 pcs. per 13-inch reel
PM3604........400 pcs. per 13-inch reel
Bourns
Part No.
PARALLEL
SERIES
Inductance
(
μH)
±20 %
Irms
(A)
Inductance
(
μH)
±20 %
@ Irms
DCR
(
Ω)
Max.
Inductance
(
μH)
±20 %
Irms
(A)
Inductance
(
μH)
±20 %
@ Irms
DCR
(
Ω)
Max.
PM3602-5-RC
5
2.41
3.8
0.023
20
1.20
15.2
0.092
PM3602-8-RC
8
1.90
6.1
0.037
32
0.95
23.2
0.15
PM3602-10-RC
10
1.83
7.4
0.040
40
0.92
29.6
0.16
PM3602-15-RC
15
1.45
11.1
0.063
60
0.73
44.4
0.25
PM3602-20-RC
20
1.25
15.2
0.086
80
0.63
60.8
0.34
PM3602-25-RC
25
1.17
18.5
0.098
100
0.59
74
0.39
PM3602-33-RC
33
0.98
24.8
0.14
132
0.49
99.2
0.56
PM3602-50-RC
50
0.78
37.5
0.22
200
0.38
150
0.88
PM3602-68-RC
68
0.72
49.6
0.26
272
0.36
198.4
1.04
PM3602-100-RC
100
0.58
74.0
0.40
400
0.29
296
1.60
PM3602-150-RC
150
0.47
111.0
0.60
600
0.24
444
2.40
PM3602-200-RC
200
0.40
150.0
0.84
800
0.20
600
3.36
PM3602-250-RC
250
0.33
192.5
1.19
1000
0.17
770
4.76
PM3602-300-RC
300
0.32
225.0
1.31
1200
0.16
900
5.24
PM3604-5-RC
5
3.30
3.8
0.019
20
1.65
15.2
0.076
PM3604-8-RC
8
3.00
5.8
0.024
32
1.50
23.2
0.096
PM3604-10-RC
10
2.70
7.3
0.028
40
1.35
29.2
0.11
PM3604-15-RC
15
2.20
11.0
0.041
60
1.10
44
0.16
PM3604-20-RC
20
2.02
14.2
0.049
80
1.01
56.8
0.20
PM3604-25-RC
25
1.91
17.0
0.054
100
0.96
68
0.22
PM3604-33-RC
33
1.60
23.1
0.078
132
0.80
92.4
0.31
PM3604-50-RC
50
1.28
35.5
0.12
200
0.64
142
0.48
PM3604-68-RC
68
1.19
46.2
0.14
272
0.60
184.8
0.56
PM3604-100-RC
100
0.98
68.0
0.21
400
0.49
272
0.84
PM3604-150-RC
150
0.78
103.5
0.32
600
0.39
414
1.28
PM3604-200-RC
200
0.65
140.0
0.47
800
0.33
560
1.88
PM3604-250-RC
250
0.60
172.5
0.53
1000
0.30
690
2.12
PM3604-300-RC
300
0.52
213.0
0.73
1200
0.26
852
2.92
Schematics
Series Mode
1
4
2
3
Parallel Mode
1
4
2
3
1:1 Transformer
Dual Diff. Mode
1
4
2
3
Product Dimensions
PM3602
-10
-RC
B
A
2
3
4
1
C MAX.
Model
A
B
C
PM3602
11.48
(0.452)
8.99
(0.354)
5.72
(0.225)
PM3604
13.97
(0.550)
11.48
(0.452)
6.73
(0.265)
Recommended Pad Layout
F
E
D
F
Model
D
E
F
PM3602
2.54
(0.10)
2.54
(0.10)
9.78
(0.385)
PM3604
4.06
(0.16)
2.54
(0.10)
12.7
(0.500)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - PM3602-50-RC

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM365 ARTESYN-PM365 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM365CE ARTESYN-PM365CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM365D ARTESYN-PM365D Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM365K ARTESYN-PM365K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM367D ARTESYN-PM367D Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM3602-50-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM600-01-RC BOURNS-PM600-01-RC Datasheet
369Kb / 5P
   SMD Inductor/Transformer
logo
Datatronic Distribution...
DR359-1-471 DATATRONICS-DR359-1-471 Datasheet
146Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER
DR359-1 DATATRONICS-DR359-1_14 Datasheet
135Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER DR359-1 SERIES
logo
Sumida Corporation
CLS6D28B SUMIDA-CLS6D28B Datasheet
33Kb / 1P
   Power Inductor & Transformer
CLS8D28B SUMIDA-CLS8D28B Datasheet
33Kb / 1P
   Power Inductor & Transformer
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
3XF0013-W19 XFMRS-3XF0013-W19_15 Datasheet
45Kb / 1P
   SMD TRANSFORMER
XFSTQ73-2146 XFMRS-XFSTQ73-2146 Datasheet
59Kb / 1P
   SMD Transformer
3XF0013-W42 XFMRS-3XF0013-W42_15 Datasheet
43Kb / 1P
   SMD TRANSFORMER
XFSTQ73-2146 XFMRS-XFSTQ73-2146 Datasheet
59Kb / 1P
   SMD Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com