Electronic Components Datasheet Search |
|
C320C102M5R5CA Datasheet(PDF) 10 Page - Kemet Corporation |
|
C320C102M5R5CA Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 11 page CERAMIC LEADED PACKAGING INFORMATION © KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 40 Ceramic Radial Tape and Reel Dimensions in Millimeters & (Inches) Figure 3: Standard Reel Figure 1 31/4" (82.6) .655" ±0.010" (16.6 ±0.25) 12" (30.48 cm) .059" to .315" Greater Than Over All Height of Taped Components * Hub 1/8" (3.18) Ceramic Radial Lead Tape and Reel Packaging KEMET offers standard reeling of Molded and Conformally Coated Radial Leaded Ceramic Capacitors for automatic insertion per EIA specification RS-468. Parts are taped to a tagboard carrier strip, and wound on a reel as shown in Figure 1. Kraft paper interleaving is inserted between the layers of capacitors on the reel. Ammopack is also available, with the same lead tape configuration and package quantities. KEMET ® KEMET ® Kraft Paper Interleaving Carrier Tape Carrier Strip Adhesive Tape * Lead spacings are 2.54mm (.10") center-to-center. ** Lead spacings are 5.08mm (.20") center-to-center. C317** C322** C323** C333** P2 H W0 W2 W2 P0 T H1 L1 D0 C315* C320* CK05** CKR05** C052** C056** C066** CK06** CKR06** C062** C330** C340** P 1MM Max. (.039") Tape Carrier ∆H P1 F Figure 2: Lead Tape Configuration (See Table Below) W H0 Sprocket Hole Diameter Sprocket Hole Pitch Component Pitch Lead Spacing (1) Sprocket Hole Center to Lead Center (1) Sprocket Hole Center to Component Center Height to Seating Plane (straight leads) (2) Component Height Above Tape Center Dimension Symbol Nominal mm (inch) Tolerance mm (inch) Dimension Symbol Nominal mm (inch) Tolerance mm (inch) Height to Seating Plane (formed leads) (2) Component Alignment Lead Protrusion Composite Tape Thickness Overall Tape and Lead Thickness Carrier Tape Width Hold-Down Tape Width Hold-Down Tape Location Do P0 P F P1 P2 H H1 ± 0.2 (.008) ± 0.3 (.012) ± 0.3 (.012) +0.6 -0.2 (+.024 -.008) ± 0.7 (.028) ± 1.3 (.051) 7301 7303 ±0.5 (.020) Minimum Maximum 7301 7303 16.0 (.630) 18.0 (.709) 4.0 (.157) 1.0 (.039) 0.7 (.051) 1.5 (.059) 18.0 (.709) 5.0 (.197) 3.0 (.118) H0 ∆h L1 t T W W0 W2 7301 7303 ±0.5 (.020) Minimum ±0.2 (.008) Maximum ±0.2 (.008) Maximum +1.0 - 0.5 (+.039 -.020) Minimum Maximum (1) Measured at the egress from the carrier tape, on the component side. (2) Determined by a 4 digit suffix placed at the end of the part number, as follows: 7301 = 7303 = 4.0 (.157) 12.7 (.500) 12.7 (.500) 5.08 2.54 (.20) (.10) 3.81 5.08 (.150) (.200) 6.35 (.250) 7301 7303 16.0 (.630) 18.0 (.709) 32.2 (1.27) Recommended for parts with formed leads. Recommended for parts with straight leads. Example: C322C104K5R5CA7301 Example: C320C104K5R5CA7303 (Note: Non-standard lead lengths available in bulk only.) C6xx# C6xx# # See page 15 for exact lead configuration for Series. |
Similar Part No. - C320C102M5R5CA |
|
Similar Description - C320C102M5R5CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |