Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM3340-101M-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM3340-101M-RC
Description  SMD Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM3340-101M-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM3340-101M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM3340-101M-RC Datasheet HTML 2Page - Bourns Electronic Solutions PM3340-101M-RC Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.92
(.115)
2.40
(.094)
2.20
(.087)
2.79
(.110)
10.2
(.402)
MAX.
11.5
(.453)
MAX.
7.37
(.290)
7.60
(.299)
13.0
(.512)
MAX.
Features
Formerly
model
Height of 11.5 mm max.
Current rating up to 3.5 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Industrial electronics
Power supplies for:
• Portable communications equipment
• Camcorders
• LCD TVs
• Car radios
PM3340 Series - SMD Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications
General Specifications
Test Voltage .................................... 0.1 V
Reflow Soldering ... 230 °C; 50 sec. max.
Operating Temperature
................................ -55 °C to +125 °C
(Temperature rise included)
Storage Temperature ...-55 °C to +125 °C
Resistance to Soldering Heat
...........................260 °C, 10 sec. max.
Materials
Core.............................................. Ferrite
Wire ............................ Enameled copper
Terminal .................................... Sn/Ni/Cu
Rated Current
................... Ind. drop 10 % typ. at Isat
Temperature Rise
............................ 30 °C typical at Irms
Packaging.....................225 pcs. per reel
Bourns Part No.
Inductance 100 kHz
Test
Frequency
(MHz)
DCR
Max.
(
Ω)
Irms
(A)
Isat
(A)
(
μH)
Tol. (%)
PM3340-100M-RC
10
±20
2.52
0.033
3.50
8.00
PM3340-150M-RC
15
±20
2.52
0.042
3.00
7.00
PM3340-220M-RC
22
±20
2.52
0.054
2.50
5.50
PM3340-330M-RC
33
±20
2.52
0.080
2.00
4.00
PM3340-470M-RC
47
±20
2.52
0.10
1.60
3.80
PM3340-680M-RC
68
±20
2.52
0.17
1.20
3.00
PM3340-101M-RC
100
±20
0.796
0.22
1.20
2.50
PM3340-151M-RC
150
±20
0.796
0.34
0.90
2.00
PM3340-221M-RC
220
±20
0.796
0.44
0.70
1.60
PM3340-331M-RC
330
±20
0.796
0.70
0.60
1.20
PM3340-471M-RC
470
±20
0.796
0.95
0.30
1.00
PM3340-681M-RC
680
±20
0.796
1.20
0.20
1.00
PM3340-102M-RC
1000
±20
0.252
2.00
0.10
0.80
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Electrical Schematic
Typical Part Marking
101


Similar Part No. - PM3340-101M-RC

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM334CE ARTESYN-PM334CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM334D ARTESYN-PM334D Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM3340-101M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com