Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA204X-800E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BTA204X-800E
Description  Three quadrant triacs guaranteed commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204X-800E Datasheet(HTML) 1 Page - NXP Semiconductors

  BTA204X-800E Datasheet HTML 1Page - NXP Semiconductors BTA204X-800E Datasheet HTML 2Page - NXP Semiconductors BTA204X-800E Datasheet HTML 3Page - NXP Semiconductors BTA204X-800E Datasheet HTML 4Page - NXP Semiconductors BTA204X-800E Datasheet HTML 5Page - NXP Semiconductors BTA204X-800E Datasheet HTML 6Page - NXP Semiconductors BTA204X-800E Datasheet HTML 7Page - NXP Semiconductors BTA204X-800E Datasheet HTML 8Page - NXP Semiconductors BTA204X-800E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Passivated guaranteed commutation triacs in a plastic full pack package. These devices
balance the requirements of commutation performance and gate sensitivity. The ‘sensitive
gate’ E series and ‘logic level’ D series are intended for interfacing with low power drivers,
including microcontrollers.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
2.
Pinning information
BTA204X series D, E and F
Three quadrant triacs guaranteed commutation
Rev. 5 — 3 November 2011
Product data sheet
Suitable for interfacing with low power
drivers, including microcontrollers
Isolated mounting base
Motor control
High inductive loads
VDRM  600 V (BTA204X-600D)
IT(RMS)  4 A
VDRM  600 V (BTA204X-600E)
IGT  5 mA (BTA204X-600D)
VDRM  600 V (BTA204X-600F)
IGT  10 mA (BTA204X-600E)
VDRM  800 V (BTA204X-800E)
IGT  25 mA (BTA204X-600F)
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
main terminal 1 (T1)
SOT186A (TO-220F)
2
main terminal 2 (T2)
3
gate (G)
mb
mounting base (isolated)
3
2
1
mb
sym051
T1
G
T2


Similar Part No. - BTA204X-800E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA204X-800E PHILIPS-BTA204X-800E Datasheet
120Kb / 13P
   Three quadrant triacs guaranteed commutation
Rev. 5-3 November 2011
BTA204X-800E PHILIPS-BTA204X-800E Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204X-800E WEEN-BTA204X-800E Datasheet
284Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA204X-800E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com