Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM610-03-RC Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # PM610-03-RC
Description  SMD Inductor/Transformer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM610-03-RC Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  PM610-03-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM610-03-RC Datasheet HTML 2Page - Bourns Electronic Solutions PM610-03-RC Datasheet HTML 3Page - Bourns Electronic Solutions PM610-03-RC Datasheet HTML 4Page - Bourns Electronic Solutions PM610-03-RC Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PM600/PM610/PM620 Series - SMD Inductor/Transformer
Packaging Specifications (Continued)
DIMENSIONS:
MM
(INCHES)
17.00 ± 0.10
(.669 ± .004)
28.00 ± 0.10
(1.102 ± .004)
1.50 +0.10/-0.00
(.059 +.004/-0.00)
3.00
(.118)
2.00 ± 0.15
(.079 ± .006)
0.45 ± 0.05
(.018 ± .002)
1.75 ± 0.10
(.069 ± .004)
22.50 ± 0.10
(.886 ± .004)
6 °
20.20 ± 0.15
(.795 ± .006)
40.40 ± 0.30
(1.732 ± .012)
44.00 ± 0.30
(1.732 ± .012)
5 °
40 °
9.10 ± 0.10
(.358 ± .004)
4.00 ± 0.10
(.157 ± .004)
PM620
0.50
(.020)
R
0.30
(.012)
R
0.75
(.030)
R
1.70 +0.15/-0.05
(.067 +.006/-0.00)
1.50 +0.10/-0.00
(.059 +.004/-0.00)
40 °
W1
W1
PM600
PM610
PM620
W2
W2
2.0
± 0.5
(.079
± .020)
30.4
(1.197)
26.0
(1.024)
50.0
(1.969)
330
(12.99)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0
± 0.8
(.827
± .031)
38.4
(1.512)
34.0
(1.339)
50.4
(1.984)
46.0
(1.811)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
MAX.
THICKNESS
<1> Single or multi-windings in parallel. ET of multiple winding in series is number of
windings times value of ET.
REV. 06/08


Similar Part No. - PM610-03-RC

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
PM610-M280 APACER-PM610-M280 Datasheet
1Mb / 6P
   SSD designed as M.2 2280 mechanical dimensions
More results

Similar Description - PM610-03-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM3602-5-RC BOURNS-PM3602-5-RC Datasheet
260Kb / 3P
   SMD Inductor/Transformer
logo
Datatronic Distribution...
DR359-1-471 DATATRONICS-DR359-1-471 Datasheet
146Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER
DR359-1 DATATRONICS-DR359-1_14 Datasheet
135Kb / 1P
   SHIELDED SMD INDUCTOR/TRANSFORMER DR359-1 SERIES
logo
Sumida Corporation
CLS6D28B SUMIDA-CLS6D28B Datasheet
33Kb / 1P
   Power Inductor & Transformer
CLS8D28B SUMIDA-CLS8D28B Datasheet
33Kb / 1P
   Power Inductor & Transformer
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
3XF0013-W19 XFMRS-3XF0013-W19_15 Datasheet
45Kb / 1P
   SMD TRANSFORMER
XFSTQ73-2146 XFMRS-XFSTQ73-2146 Datasheet
59Kb / 1P
   SMD Transformer
3XF0013-W42 XFMRS-3XF0013-W42_15 Datasheet
43Kb / 1P
   SMD TRANSFORMER
XFSTQ73-2146 XFMRS-XFSTQ73-2146 Datasheet
59Kb / 1P
   SMD Transformer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com