Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLLE21K0APVI1 Datasheet(PDF) 1 Page - Kemet Corporation

Part # FLLE21K0APVI1
Description  DC EMI Filters for PV Inverters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FLLE21K0APVI1 Datasheet(HTML) 1 Page - Kemet Corporation

  FLLE21K0APVI1 Datasheet HTML 1Page - Kemet Corporation FLLE21K0APVI1 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KEMET EMC Filters
1
FLLE2 … PV
DC EMI Filters for PV Inverters
Overview
This filter series is intended to be used in Photo Voltaic applications between the solar panels and the inverter system. The filters are optimized
in geometry and for power loss. They are also adapted to attenuate high frequency noise that may be degrading life time of the solar panels
and will as well reduce the radiation of EMI noise that may emerge from the panels.
Filters without Y-capacitors to protective earth are available on request.
As the Capacitance Company, KEMET is only using high quality capacitors in its filter series.
Technical specifications
Rated voltage
1200 VDC
Rated current
25 – 1600 A
Rated temperature
55°C
Temperature range
-40°C to +100°C
Climate category
40/100/21
Voltage test
P -> P 3000 VDC
P -> E 3600 VDC
The FLLE2…PV-series is designed according
to IEC/EN 60939 and UL 1283.
Typical insertion loss
0.01
0.1
1
10
100
MHz
0
20
40
60
80
100
dB
Sym
Asym
0.01
0.1
1
10
100
MHz
0
20
40
60
80
100
dB
Sym
Asym
0.01
0.1
1
10
100
MHz
0
20
40
60
80
100
dB
Sym
Asym
25 to 75 A
100 and 150 A
250 to 1600 A
Filter
Rated current
@ 55°C
(A)
Power loss
@ 25°C/DC
(W)
Weight
(kg)
FLLE2025APVR1
25
8
1
FLLE2050APVR1
50
12
2
FLLE2075APVR1
75
16
2
FLLE2100APVR1
100
20
3
FLLE2150APVR1
150
30
4
FLLE2250APVI1
250
10
5
FLLE2400APVI1
400
15
7
FLLE2600APVI1
600
25
7
FLLE2800APVI1
800
30
10
FLLE21K0APVI1
1000
45
10
FLLE21K6APVI1
1600
70
16
+
_
PE
+
_
PE


Similar Part No. - FLLE21K0APVI1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLE2-P KEMET-FLLE2-P Datasheet
898Kb / 5P
   Single phase EMI Filter
FLLE2-Q KEMET-FLLE2-Q Datasheet
885Kb / 5P
   Single phase EMI Filter
FLLE2-R KEMET-FLLE2-R Datasheet
928Kb / 5P
   Single phase EMI Filter
FLLE2-S KEMET-FLLE2-S Datasheet
898Kb / 6P
   Single phase EMI Filter
FLLE2-U KEMET-FLLE2-U Datasheet
977Kb / 5P
   Single phase EMI Filter
More results

Similar Description - FLLE21K0APVI1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2200-600-99 ETC2-FN2200-600-99 Datasheet
461Kb / 4P
   DC EMC/EMI Filter for PV Inverters
logo
Schaffner International...
FN-2200 SCHAFFNER-FN-2200 Datasheet
1Mb / 5P
   EMC/EMI Filter for PV Inverters
logo
Kemet Corporation
FLLE2400APXI1 KEMET-FLLE2400APXI1 Datasheet
64Kb / 1P
   KEMET, FLLE2-PV, EMI Filters, Single Phase, 1.2 kV, 400 A, 300x130x100mm
FLLE2250APXI1 KEMET-FLLE2250APXI1 Datasheet
64Kb / 1P
   KEMET, FLLE2-PV, EMI Filters, Single Phase, 1.2 kV, 250 A, 300x130x100mm
logo
Murata Manufacturing Co...
BLM31PG330SN1 MURATA-BLM31PG330SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
logo
Kemet Corporation
FLLD32K5APXI1 KEMET-FLLD32K5APXI1 Datasheet
73Kb / 1P
   KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 2.5 kA, 450x300x220mm
FLLD3800APXI1 KEMET-FLLD3800APXI1 Datasheet
73Kb / 1P
   KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 800 A, 350x230x170mm
logo
Nova Electric. All Righ...
OCGL2K-12-120 NOVA-OCGL2K-12-120 Datasheet
724Kb / 2P
   DC-AC INVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com