Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5302DTRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFH5302DTRPBF
Description  Synchronous MOSFET for high frequency buck converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5302DTRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFH5302DTRPBF Datasheet HTML 1Page - International Rectifier IRFH5302DTRPBF Datasheet HTML 2Page - International Rectifier IRFH5302DTRPBF Datasheet HTML 3Page - International Rectifier IRFH5302DTRPBF Datasheet HTML 4Page - International Rectifier IRFH5302DTRPBF Datasheet HTML 5Page - International Rectifier IRFH5302DTRPBF Datasheet HTML 6Page - International Rectifier IRFH5302DTRPBF Datasheet HTML 7Page - International Rectifier IRFH5302DTRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFH5302PbF
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 6, 2014
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Bottom)
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
Case (Bottom) Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
25
50
75
100
125
150
TC , Case Temperature (°C)
0
20
40
60
80
100
120
140
160
Limited By Package
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 100µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
0
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 150°C
Single Pulse
100µsec
1msec
10msec
DC


Similar Part No. - IRFH5302DTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5302DTR2PBF IRF-IRFH5302DTR2PBF Datasheet
225Kb / 8P
   Synchronous MOSFET for high frequency buck converters
More results

Similar Description - IRFH5302DTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8318TRPBF IRF-IRFH8318TRPBF Datasheet
256Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DTR2PBF IRF-IRFH5250DTR2PBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTR2PBF IRF-IRFH5302DTR2PBF Datasheet
225Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DPBF IRF-IRFH5250DPBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFH8324PBF INFINEON-IRFH8324PBF Datasheet
268Kb / 9P
   Synchronous MOSFET for high frequency buck converters
June 2 2015
logo
International Rectifier
IRFH5250DPBF IRF-IRFH5250DPBF_15 Datasheet
298Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DPBF IRF-IRFH5302DPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH8311PBF IRF-IRFH8311PBF Datasheet
315Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFHM4226TRPBF IRF-IRFHM4226TRPBF Datasheet
394Kb / 8P
   Control or Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com