Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC04P010L12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CLC04P010L12
Description  Super Capacitors To Improve Power Performance.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLC04P010L12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CLC04P010L12 Datasheet HTML 1Page - List of Unclassifed Manufacturers CLC04P010L12 Datasheet HTML 2Page - List of Unclassifed Manufacturers CLC04P010L12 Datasheet HTML 3Page - List of Unclassifed Manufacturers CLC04P010L12 Datasheet HTML 4Page - List of Unclassifed Manufacturers CLC04P010L12 Datasheet HTML 5Page - List of Unclassifed Manufacturers CLC04P010L12 Datasheet HTML 6Page - List of Unclassifed Manufacturers CLC04P010L12 Datasheet HTML 7Page - List of Unclassifed Manufacturers CLC04P010L12 Datasheet HTML 8Page - List of Unclassifed Manufacturers CLC04P010L12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Revision: 21-3-10
Subject to change without notice
3
Part 1: Data Sheet
Part 1: Data Sheet
Part 1: Data Sheet
Part 1: Data Sheet
Part 1: Data Sheet
Part 1: Data Sheet
Part 1: Data Sheet
Part 1: Data Sheet
Revision History
Revision History
Revision History
Revision History
No.
Documentation
Check
Description of Revision
Approval
Date
1
Semion
Simma
Soldering temperature changed from
245 °C to 360 °C.
20/07/08
2
Semion
Simma
CLP serias are applied.
20/07/08
3
Semion
Simma
Polarity signs are applied also differ-
ent leads’ length.
20/07/08
4
Semion
Simma
CLP04P070L28 changed to
CLP04P040L28
20/07/08
5
Semion
Simma
Tolerance of ESR/Cap is added
20/11/08
6
Semion
Simma
SC weights were added
24/05/09
7
Semion
Simma
1.4V supercapacitors were added
04/06/09
8
Semion
Simma
CLG05P008L12, CLG05P016L12
were added
17/06/09
9
Semion
Simma
CLC03P012L12,CLC04P010L12 were
added
17/09/09
10
Semion
Simma
CLK,CLX, CLP were added, Tem-
perature Cycling test was updated
16/11/09
11
Semion
Simma
Leakage current changed for 12x12,
17x17 SC families
20/12/09
12
Semion
Simma
CLX04P007L12 details were changed
29/12/09
13
Semion
Simma
1) CLX04P007L12 height changed
from 2.2 mm to 2.9mm
2) Packing weight and dimensions
were added
7/2/10
14
Semion
Simma
1) CLG01P030L12, CLG01P060L12,
CLG01P060L17, CLG01P120L17
were added.
2) CLG01P150L28 and
CLG01P300L12 parameters were
changed.
21/3/10


Similar Part No. - CLC04P010L12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001 Datasheet
567Kb / 11P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001 TI-CLC001 Datasheet
569Kb / 13P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001 Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001AJE NSC-CLC001AJE Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
More results

Similar Description - CLC04P010L12

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
KLU1T516-34-LF BOTHHAND-KLU1T516-34-LF Datasheet
225Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-34-LF BOTHHAND-KLU1T041C-34-LF Datasheet
792Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU4S041X-LF BOTHHAND-KLU4S041X-LF Datasheet
220Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1T041C-43-LF BOTHHAND-KLU1T041C-43-LF Datasheet
227Kb / 2P
   Reduced EMI radiation to improve EMI performance
KLU1S041-43-LF BOTHHAND-KLU1S041-43-LF Datasheet
216Kb / 2P
   Reduced EMI radiation to improve EMI performance
KRU1T041X-44-LF BOTHHAND-KRU1T041X-44-LF Datasheet
295Kb / 2P
   Reduced EMI radiation to improve EMI performance
logo
International Rectifier
AN-973 IRF-AN-973 Datasheet
342Kb / 7P
   HEXFETs Improve Efficiency
logo
Vectron International, ...
CO-408 VECTRON-CO-408 Datasheet
65Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-447 VECTRON-CO-447 Datasheet
60Kb / 2P
   Helping Customers Innovate, Improve & Grow
logo
NEC
FC0H473ZFTBR24 NEC-FC0H473ZFTBR24 Datasheet
476Kb / 39P
   Super Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com