Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

217-36CTT6 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 217-36CTT6
Description  BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

217-36CTT6 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 217-36CTT6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 9Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 10Page - List of Unclassifed Manufacturers 217-36CTT6 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Board Level
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
36
BOARD LEVEL HEAT SINKS FOR TO-220, TO-218 AND MULTIWATT™ COMPONENTS
244 SERIES
245 SERIES
246 SERIES
Low Height, Slim Profile Wavesolderable Folded Fin Heat Sinks
MULTIWATT
MULTIWATT
MULTIWATT
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Convection
Convection
lbs. (grams)
244-145AB
1.450 (36.8)
1.300 (33.0) x 480 (12.1)
Vert/Horiz,
No Tab
44°C @ 4W
4.4°C/W @ 400 LFM
.0160 (7.25)
244-145AB-50
1.650 (41.9)
1.300 (33.0) x 480 (12.1)
Vertical
50
44°C @ 4W
4.4°C/W @ 400 LFM
.0170 (7.20)
Material: Aluminum, Black Anodized
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
Low Height, Slim Profile Wavesolderable Folded Fin Heat Sinks
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Convection
Convection
lbs. (grams)
245-145AB
1.450 (36.8)
1.750 (44.5) x .380 (9.7)
Ver.t/Horiz.
No Tab
38°C @ 4W
3.2°C/W @ 400 LFM
.0160 (7.25)
245-145AB-50
1.650 (41.9)
1.750 (44.5) x .380 (9.7)
Vertical
50
38°C @ 4W
3.2°C/W @ 400 LFM
.0170 (7.20)
Material: Aluminum, Black Anodized
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
Medium Height, Slim Profile Wavesolderable Folded Fin Heat Sinks
Height Above
Footprint
Thermal Performance at Typical Load
Standard
PC Board
Dimensions
Mounting
Solderable
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Configuration
Tab Options
Convection
Convection
lbs. (grams)
246-197AB
1.968 (50.0)
1.986 (50.4) x 3.75 (9.5)
Vert./Horiz.
No Tab
35°C @ 4W
2.8°C/W @ 400 LFM
.0240 (10.90)
246-197AB-50
2.168 (55.1)
1.986 (50.4) x 3.75 (9.5)
Vertical
50
35°C @ 4W
2.8°C/W @ 400 LFM
.0250 (11.40)
Order SpeedClip™ 285SC or 330SC separately. (See 248 Series section).
Material: Aluminum, Black Anodized
Dimensions: in. (mm)
MECHANICAL DIMENSIONS


Similar Part No. - 217-36CTT6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
217-36CTTE6 ETC-217-36CTTE6 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 217-36CTT6

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
   Heat Sinks
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
   Powerline Heat-Sinks
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
   UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
   Standard Heat Sinks
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
logo
Lineage Power Corporati...
MHST02520Z LINEAGEPOWER-MHST02520Z Datasheet
572Kb / 9P
   Eighth Brick Power Module Heat Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
   High Performance Heat Sinks
REV3_052912
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
   High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com