Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS664G-03LF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ICS664G-03LF
Description  DIGITAL VIDEO CLOCK SOURCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS664G-03LF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ICS664G-03LF Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS664G-03LF Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS664G-03LF Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS664G-03LF Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS664G-03LF Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS664G-03LF Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS664G-03LF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICS664-03
DIGITAL VIDEO CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ DIGITAL VIDEO CLOCK SOURCE
5
ICS664-03
REV D 051310
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature 0 to +70
° C
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Crystal Frequency
28
MHz
Output Clock Rise Time
tOR
20% to 80%, 15 pF load
1.5
ns
Output Clock Fall Time
tOF
80% to 20%, 15 pF load
1.5
ns
Output Duty Cycle
tOD
at VDD/2, 15 pF load
40
49 to 51
60
%
Power-up Time
tPU
Valid power on to valid
output
1ms
Power-down Time
tPD
Power off to clock
disable
10
µs
Jitter, short term
100
ps p-p
Jitter, long term
10 µs delay
200
ps p-p
Single Sideband Phase
Noise
10 kHz offset
-120
dBc
Actual Mean Frequency
Error versus Target
0ppm
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
78
° C/W
θJA
1 m/s air flow
70
° C/W
θJA
3 m/s air flow
68
° C/W
Thermal Resistance Junction to Case
θJC
37
° C/W


Similar Part No. - ICS664G-03LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS664G-01 ICST-ICS664G-01 Datasheet
145Kb / 6P
   Digital Video Clock Source
ICS664G-01T ICST-ICS664G-01T Datasheet
145Kb / 6P
   Digital Video Clock Source
ICS664G-02 ICST-ICS664G-02 Datasheet
102Kb / 6P
   PECL Digital Video Clock Source
ICS664G-02LF ICST-ICS664G-02LF Datasheet
102Kb / 6P
   PECL Digital Video Clock Source
ICS664G-02LFTR ICST-ICS664G-02LFTR Datasheet
102Kb / 6P
   PECL Digital Video Clock Source
More results

Similar Description - ICS664G-03LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS664-03 ICST-ICS664-03 Datasheet
148Kb / 6P
   Digital Video Clock Source
logo
Renesas Technology Corp
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
100907
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS660 ICST-ICS660 Datasheet
127Kb / 6P
   Digital Video Clock Source
ICS664-01 ICST-ICS664-01 Datasheet
145Kb / 6P
   Digital Video Clock Source
ICS664-04 ICST-ICS664-04 Datasheet
103Kb / 6P
   PECL Digital Video Clock Source
ICS664-02 ICST-ICS664-02 Datasheet
102Kb / 6P
   PECL Digital Video Clock Source
logo
Renesas Technology Corp
ICS664-02 RENESAS-ICS664-02 Datasheet
360Kb / 8P
   PECL DIGITAL VIDEO CLOCK SOURCE
051310
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com