Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVL-55739GD032J-LW-G-AAN Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # TVL-55739GD032J-LW-G-AAN
Description  Trans-missive Type, Positive mode 3.2??TFT LCD module 262K Colors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TVL-55739GD032J-LW-G-AAN Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  TVL-55739GD032J-LW-G-AAN Datasheet HTML 1Page - Kyocera Kinseki Corpotation TVL-55739GD032J-LW-G-AAN Datasheet HTML 2Page - Kyocera Kinseki Corpotation TVL-55739GD032J-LW-G-AAN Datasheet HTML 3Page - Kyocera Kinseki Corpotation TVL-55739GD032J-LW-G-AAN Datasheet HTML 4Page - Kyocera Kinseki Corpotation TVL-55739GD032J-LW-G-AAN Datasheet HTML 5Page - Kyocera Kinseki Corpotation TVL-55739GD032J-LW-G-AAN Datasheet HTML 6Page - Kyocera Kinseki Corpotation TVL-55739GD032J-LW-G-AAN Datasheet HTML 7Page - Kyocera Kinseki Corpotation TVL-55739GD032J-LW-G-AAN Datasheet HTML 8Page - Kyocera Kinseki Corpotation TVL-55739GD032J-LW-G-AAN Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TVL-55739GD032J-LW-G-AAN ver.B
- 3 -
Issue Date:2013/0
2
/
21
R
R
Ro
o
oH
H
HS
S
S
C
C
CO
O
OM
M
MP
P
PL
L
LIIIA
A
AN
N
NT
T
T
TABLE OF CONTENTS
1. GENERAL DESCRIPTION .................................................................3
2. FEATURES .........................................................................................3
3. MECHANICAL SPECIFICATION ........................................................3
4. MECHANICAL DIMENSION ...............................................................3
5. MAXIMUM RATINGS..........................................................................3
6. ELECTRICAL CHARACTERISTICS ...................................................3
6.1.
TFT LCD Characteristic .................................................................................. 3
6.2.
Backlight Characteristic .................................................................................. 3
7. MODULE FUNCTION DESCRIPTION ................................................3
7.1.
PIN Description............................................................................................... 3
7.2.
Timing characteristics ..................................................................................... 3
7.3.
Initialization Table ........................................................................................... 3
7.4.
Power On Sequence....................................................................................... 3
7.5.
Power Off Sequence ...................................................................................... 3
8. ELECTRO-OPTICAL CHARACTERISTICS........................................3
8.1.
CIE(x, y) chromaticity...................................................................................... 3
9. RELIABILITY ......................................................................................3
9.1.
Tests............................................................................................................... 3
9.2.
Color performance .......................................................................................... 3
10.
INSPECTION CRITERIA..................................................................3
10.1.
Inspection Conditions.................................................................................. 3
10.2.
Light Method ............................................................................................... 3
10.3.
Classification Of Defects ............................................................................. 3
10.4.
Sampling & Acceptable Quality Level ......................................................... 3
10.5.
Definition Of Inspection Area ...................................................................... 3
10.6.
Items and Criteria........................................................................................ 3


Similar Part No. - TVL-55739GD032J-LW-G-AAN

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TVL-55739GD032J-LW-G-AAN KSS-TVL-55739GD032J-LW-G-AAN Datasheet
3Mb / 8P
   Display the Difference
More results

Similar Description - TVL-55739GD032J-LW-G-AAN

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TVL-55737GD030J-LW-G-AAN KSS-TVL-55737GD030J-LW-G-AAN Datasheet
1Mb / 31P
   Transmissive Type Positive mode 3.0??TFT LCD 262K color
TVL-55736GD032JR-LW-G-AAN KSS-TVL-55736GD032JR-LW-G-AAN Datasheet
665Kb / 23P
   Transmissive and Normally white type 3.2??TFT LCD module
TVL-55738GD032J-LW-G-AAN KSS-TVL-55738GD032J-LW-G-AAN Datasheet
860Kb / 25P
   Transmissive and Normally white type 3.2??a-Si TFT LCD Module
logo
List of Unclassifed Man...
4DLCD32Q ETC2-4DLCD32Q Datasheet
808Kb / 16P
   3.2??TFT LCD Display Datasheet
logo
Kyocera Kinseki Corpota...
TVL-55731GD032J-LW-G-AAN KSS-TVL-55731GD032J-LW-G-AAN Datasheet
1Mb / 30P
   3.2 inch WQVGA TFT Transmissive Type竊똏ositive mode RGB vertical stripe 262K color / 65K color
logo
Sitronix Technology Co....
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
logo
STMicroelectronics
STE2102 STMICROELECTRONICS-STE2102 Datasheet
41Kb / 4P
   240x320RGB single-chip true 262K colors ramless LCD controller/driver
logo
Varitronix internationa...
COG-VLGT6566-03 VARITRONIX-COG-VLGT6566-03 Datasheet
2Mb / 18P
   4.3??TFT, 480 x RGB x 272 dots, 16M Colors, positive, transmissive dot matrix LCD module.
logo
Toshiba Semiconductor
LTA050B352A TOSHIBA-LTA050B352A Datasheet
41Kb / 1P
   5.0 TYPE COLOR TFT-LCD MODULE
logo
Varitronix internationa...
COG-VLGT6566-04 VARITRONIX-COG-VLGT6566-04 Datasheet
2Mb / 18P
   4.3??TFT, 480 x RGB x 272 dots, 16M Colors, positive, transmissive dot matrix LCD module.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com