Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9563001QXC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 5962R9563001QXC
Description  MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5962R9563001QXC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  5962R9563001QXC Datasheet HTML 1Page - List of Unclassifed Manufacturers 5962R9563001QXC Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962R9563001QXC Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962R9563001QXC Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962R9563001QXC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962R9563001QXC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962R9563001QXC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962R9563001QXC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962R9563001QXC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95630
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
N
SHEET
4
DSCC FORM 2234
APR 97
1.4 Recommended operating conditions.
Positive supply voltage (V+):
Device types 01, 02, and 04 .................................................................................. +15 V
Device types 03 and 05 ......................................................................................... +12 V
±10%
Negative supply voltage (V-):
Device types 01, 02, and 04 .................................................................................. -15 V
Device types 03 and 05 ......................................................................................... -12 V
±10%
VREF .......................................................................................................................... 5 V dc
VAH ............................................................................................................................ 4.0 V dc
VAL ............................................................................................................................ 0.8 V dc
VEN ............................................................................................................................ 0.8 V dc
Ambient operating temperature range (TA) ............................................................... -55°C to +125°C
1.5 Radiation features.
Maximum total dose available: high dose rate tests - dose rate = 50 – 300 rad(Si)/s
Device classes Q and V:
Device type 01 ................................................................................................... 200 krads(Si)
Device types 02, 03, 04 and 05 .......................................................................... 300 krads(Si)
Device class T:
Device type 02 ................................................................................................... 100 krads(Si)
ELDRS test (Low dose rate < 10 mrad(Si)/s:
Device class V:
Device types 02 and 03 ......................................................................................... Not production tested 3/
Device types 04 and 05 .......................................................................................... 50 krads(Si) 3/ 4/
Single event phenomena (SEP) :
No SEL occurs at effective linear energy threshold (LET):
Device type 01 ...................................................................................................
≤110 MeV/cm
2
/mg 5/
Device types 02, 03, 04, and 05 ......................................................................... Latch up free 5/
Dose rate induced latch up:
Device type 01 ....................................................................................................... None 6/
Device types 02, 03, 04, and 05 ............................................................................ Not tested
Dose rate upset:
Device type 01 .......................................................................................................
≥1 x 10
8
rads(Si)/s
Device types 02, 03, 04, and 05 ............................................................................ Not tested
For device types 02, 03, 04 and 05, the manufacturer supplying RHA parts on this drawing has performed characterization
testing to a level of 150 krad(Si) that demonstrates the parts do not exhibit enhanced low dose rate sensitivity (ELDRS)
according to MIL-STD-883 method 1019 paragraph 3.13.1.1. Therefore, this part may be considered ELDRS free. Testing
beyond 150 krads(Si) was not performed.
______
3/
For device types 02, 03, 04 and 05, the manufacturer supplying RHA parts on this drawing has performed characterization
testing to a level of 150 krad(Si) at low and high dose rate in accordance with MIL-STD-883 method 1019 paragraph
3.13.1.1. Therefore, this part may be considered ELDRS free. Testing beyond 150 krads(Si) was not performed.
4/
Devices 04 and 05 are production lot acceptance tested on a wafer by wafer basis to 50 krads(Si) at low dose
rate (< 10 mrad(Si)/s).
5/
Device type 01 uses dielectrically isolated (DI) / CMOS technology and latch-up is physically not possible.
Device types 02, 03, 04, and 05 use dielectrically isolated (DI) technology and latch-up is physically not possible.
6/
Guaranteed by process design, but not tested, unless specified in table IA herein.


Similar Part No. - 5962R9563001QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9563101TEC INTERSIL-5962R9563101TEC Datasheet
43Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
5962R9563101TXC INTERSIL-5962R9563101TXC Datasheet
43Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
5962R9563201TEC INTERSIL-5962R9563201TEC Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
5962R9563201TXC INTERSIL-5962R9563201TXC Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Aeroflex Circuit Techno...
5962R9563801QQA AEROFLEX-5962R9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
More results

Similar Description - 5962R9563001QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
STMicroelectronics
M74HC4851 STMICROELECTRONICS-M74HC4851 Datasheet
234Kb / 11P
   SINGLE 8 CHANNEL ANALOG MUX/DEMUX WITH INJECTION CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com