Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVL-55684D140U-LW-I-AAN Datasheet(PDF) 9 Page - Kyocera Kinseki Corpotation

Part # TVL-55684D140U-LW-I-AAN
Description  Color Active Matrix TFT TN LCD module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TVL-55684D140U-LW-I-AAN Datasheet(HTML) 9 Page - Kyocera Kinseki Corpotation

Back Button TVL-55684D140U-LW-I-AAN Datasheet HTML 5Page - Kyocera Kinseki Corpotation TVL-55684D140U-LW-I-AAN Datasheet HTML 6Page - Kyocera Kinseki Corpotation TVL-55684D140U-LW-I-AAN Datasheet HTML 7Page - Kyocera Kinseki Corpotation TVL-55684D140U-LW-I-AAN Datasheet HTML 8Page - Kyocera Kinseki Corpotation TVL-55684D140U-LW-I-AAN Datasheet HTML 9Page - Kyocera Kinseki Corpotation TVL-55684D140U-LW-I-AAN Datasheet HTML 10Page - Kyocera Kinseki Corpotation TVL-55684D140U-LW-I-AAN Datasheet HTML 11Page - Kyocera Kinseki Corpotation TVL-55684D140U-LW-I-AAN Datasheet HTML 12Page - Kyocera Kinseki Corpotation TVL-55684D140U-LW-I-AAN Datasheet HTML 13Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Document Title
TVL-55684D140U-LW-I-AAN product information
Page No. 9/31
Document No.
Issue date 2013/02/21
R
evision
03
_______________________________________________________________________
KYOCERA
DISPLAY
CORPORATION
5-7-18,Higashi
Nippori,
Tel: +81-3-5811-8780
Arakawa-ku,
Tokyo,
Japan
116-0014
Fax:+81-3-5811-8782
Page 9 of 31
Figure 4 Measurement Setup
B. The LED input parameter setting as:
V_LED: 12V (±0.1V)
PWM_LED: duty 100 %
C. Definition of Viewing Angle
Figure 5 Definition of Viewing Angle
Normal
θx = θy = 0°
θy-
θy+
θx-
θx+
y+
y-
x-
x+
6 o'clock
θy- = 90°
θx- = 90°
θx+ = 90°
12 o'clock direction
θy+ = 90°
D. Definition Of Contrast Ratio (CR)
The contrast ratio can be calculated by the following expression
Contrast Ratio (CR) = L63 / L0
L63: Luminance of gray level 63, L0: Luminance of gray level 0
LCD Module
LCD Panel
Center of the Screen
44 mm
Photo meter (DMS 1140)
Light Shield Room
*Ambient Luminance<2lux
*Ambient Temperature 25+/-3degC


Similar Part No. - TVL-55684D140U-LW-I-AAN

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TVL-55684D140U-LW-I-AAN KSS-TVL-55684D140U-LW-I-AAN Datasheet
3Mb / 8P
   Display the Difference
More results

Similar Description - TVL-55684D140U-LW-I-AAN

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TVL-55683D116U-LW-I-AAN KSS-TVL-55683D116U-LW-I-AAN Datasheet
1Mb / 31P
   Color Active Matrix TFT TN LCD module
TVL-55682D101U-LW-I-AAN KSS-TVL-55682D101U-LW-I-AAN Datasheet
1Mb / 33P
   Color Active Matrix TFT TN LCD module
logo
AZ Displays
HV070WX2-1E0 AZDISPLAYS-HV070WX2-1E0 Datasheet
1Mb / 32P
   color active matrix TFT LCD module
HV101HD1-1E1 AZDISPLAYS-HV101HD1-1E1 Datasheet
1Mb / 29P
   color active matrix TFT LCD module
HV070WS1-105 AZDISPLAYS-HV070WS1-105 Datasheet
785Kb / 34P
   color active matrix TFT LCD module
HX104X02-100 AZDISPLAYS-HX104X02-100 Datasheet
1Mb / 31P
   color active matrix TFT LCD module
logo
List of Unclassifed Man...
4DLCD-144 ETC2-4DLCD-144 Datasheet
802Kb / 18P
   color active matrix LCD module incorporating amorphous silicon TFT (Thin Film Transistor).
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com