Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF801C-FF-4C-MAQE Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST39VF801C-FF-4C-MAQE
Description  8 Mbit (x16) Multi-Purpose Flash Plus
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF801C-FF-4C-MAQE Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST39VF801C-FF-4C-MAQE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF801C-FF-4C-MAQE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF801C-FF-4C-MAQE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF801C-FF-4C-MAQE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF801C-FF-4C-MAQE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF801C-FF-4C-MAQE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF801C-FF-4C-MAQE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF801C-FF-4C-MAQE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF801C-FF-4C-MAQE Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
©2011 Silicon Storage Technology, Inc.
DS25041A
05/11
7
8 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C / SST39VF802C / SST39LF801C / SST39LF802C
Data Sheet
A Microchip Technology Company
Device Operation
Commands are used to initiate the memory operation functions of the device. Commands are written
to the device using standard microprocessor write sequences. A command is written by asserting WE#
low while keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever
occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first.
The SST39VF801C/802C and SST39LF801C/802C also have the Auto Low Power mode which puts
the device in a near standby mode after data has been accessed with a valid Read operation. This
reduces the IDD active read current from typically 5 mA to typically 3 µA. The Auto Low Power mode
reduces the typical IDD active read current to the range of 2 mA/MHz of Read cycle time. The device
exits the Auto Low Power mode with any address transition or control signal transition used to initiate
another Read cycle, with no access time penalty. Note that the device does not enter Auto-Low Power
mode after power-up with CE# held steadily low, until the first address transition or CE# is driven high.
Read
The Read operation of the SST39VF801C/802C and SST39LF801C/802C is controlled by CE# and OE#,
both have to be low for the system to obtain data from the outputs. CE# is used for device selection.
When CE# is high, the chip is deselected and only standby power is consumed. OE# is the output con-
trol and is used to gate data from the output pins. The data bus is in high impedance state when either
CE# or OE# is high. Refer to the Read cycle timing diagram for further details (Figure 6).
Word-Program Operation
The SST39VF801C/802C and SST39LF801C/802C are programmed on a word-by-word basis. Before
programming, the sector where the word exists must be fully erased. The Program operation is accom-
plished in three steps. The first step is the three-byte load sequence for Software Data Protection. The
second step is to load word address and word data. During the Word-Program operation, the
addresses are latched on the falling edge of either CE# or WE#, whichever occurs last. The data is
latched on the rising edge of either CE# or WE#, whichever occurs first. The third step is the internal
Program operation which is initiated after the rising edge of the fourth WE# or CE#, whichever occurs
first. The Program operation, once initiated, will be completed within 10 µs. See Figures 7 and 8 for
WE# and CE# controlled Program operation timing diagrams and Figure 22 for flowcharts. During the
Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Program
operation, the host is free to perform additional tasks. Any commands issued during the internal Pro-
gram operation are ignored. During the command sequence, WP# should be statically held high or low.
Sector/Block-Erase Operation
The Sector- (or Block-) Erase operation allows the system to erase the device on a sector-by-sector (or
block-by-block) basis. The SST39VF801C/802C and SST39LF801C/802C offer both Sector-Erase and
Block-Erase mode.
The sector architecture is based on a uniform sector size of 2 KWord. The Block-Erase mode is based
on non-uniform block sizes—fifteen 32 KWord, one 16 KWord, two 4 KWord, and one 8 KWord blocks.
See Figure 2 for top and bottom boot device block addresses. The Sector-Erase operation is initiated
by executing a six-byte command sequence with Sector-Erase command (50H) and sector address
(SA) in the last bus cycle. The Block-Erase operation is initiated by executing a six-byte command
sequence with Block-Erase command (30H) and block address (BA) in the last bus cycle. The sector
or block address is latched on the falling edge of the sixth WE# pulse, while the command (30H or
50H) is latched on the rising edge of the sixth WE# pulse. The internal Erase operation begins after the


Similar Part No. - SST39VF801C-FF-4C-MAQE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF800 SST-SST39VF800 Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4C-BK SST-SST39VF800-70-4C-BK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4C-EK SST-SST39VF800-70-4C-EK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4I-BK SST-SST39VF800-70-4I-BK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4I-EK SST-SST39VF800-70-4I-EK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
More results

Similar Description - SST39VF801C-FF-4C-MAQE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com