Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF801C-70-4I-B3QE Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST39VF801C-70-4I-B3QE
Description  8 Mbit (x16) Multi-Purpose Flash Plus
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF801C-70-4I-B3QE Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST39VF801C-70-4I-B3QE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF801C-70-4I-B3QE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF801C-70-4I-B3QE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF801C-70-4I-B3QE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF801C-70-4I-B3QE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF801C-70-4I-B3QE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF801C-70-4I-B3QE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF801C-70-4I-B3QE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF801C-70-4I-B3QE Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
©2011 Silicon Storage Technology, Inc.
DS25041A
05/11
8
8 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C / SST39VF802C / SST39LF801C / SST39LF802C
Data Sheet
A Microchip Technology Company
sixth WE# pulse. The End-of-Erase operation can be determined using either Data# Polling or Toggle
Bit methods. See Figures 12 and 13 for timing waveforms and Figure 26 for the flowchart. Any com-
mands issued during the Sector- or Block-Erase operation are ignored. When WP# is low, any attempt
to Sector- (Block-) Erase the protected block will be ignored. During the command sequence, WP#
should be statically held high or low.
Erase-Suspend/Erase-Resume Commands
The Erase-Suspend operation temporarily suspends a Sector- or Block-Erase operation thus allowing
data to be read from any memory location, or program data into any sector/block that is not suspended
for an Erase operation. The operation is executed by issuing one byte command sequence with Erase-
Suspend command (B0H). The device automatically enters read mode typically within 20 µs after the
Erase-Suspend command had been issued. Valid data can be read from any sector or block that is not
suspended from an Erase operation. Reading at address location within erase-suspended sectors/
blocks will output DQ2 toggling and DQ6 at ‘1’. While in Erase-Suspend mode, a Word-Program opera-
tion is allowed except for the sector or block selected for Erase-Suspend.
To resume Sector-Erase or Block-Erase operation which has been suspended the system must issue
Erase Resume command. The operation is executed by issuing one byte command sequence with
Erase Resume command (30H) at any address in the last Byte sequence.
Chip-Erase Operation
The SST39VF801C/802C and SST39LF801C/802C provide a Chip-Erase operation, which allows the
user to erase the entire memory array to the ‘1’ state. This is useful when the entire device must be
quickly erased.
The Chip-Erase operation is initiated by executing a six-byte command sequence with Chip-Erase
command (10H) at address 555H in the last byte sequence. The Erase operation begins with the rising
edge of the sixth WE# or CE#, whichever occurs first. During the Erase operation, the only valid read is
Toggle Bit or Data# Polling. See Table 7 for the command sequence, Figure 11 for timing diagram, and
Figure 26 for the flowchart. Any commands issued during the Chip-Erase operation are ignored. When
WP# is low, any attempt to Chip-Erase will be ignored. During the command sequence, WP# should
be statically held high or low.
Write Operation Status Detection
The SST39VF801C/802C and SST39LF801C/802C provide two software means to detect the comple-
tion of a Write (Program or Erase) cycle, in order to optimize the system write cycle time. The software
detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detec-
tion mode is enabled after the rising edge of WE#, which initiates the internal Program or Erase opera-
tion.
The actual completion of the nonvolatile write is asynchronous with the system; therefore, either a
Data# Polling or Toggle Bit read may be simultaneous with the completion of the write cycle. If this
occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with
either DQ7 or DQ6. In order to prevent spurious rejection, if an erroneous result occurs, the software
routine should include a loop to read the accessed location an additional two (2) times. If both reads
are valid, then the device has completed the Write cycle, otherwise the rejection is valid.


Similar Part No. - SST39VF801C-70-4I-B3QE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF800 SST-SST39VF800 Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4C-BK SST-SST39VF800-70-4C-BK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4C-EK SST-SST39VF800-70-4C-EK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4I-BK SST-SST39VF800-70-4I-BK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4I-EK SST-SST39VF800-70-4I-EK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
More results

Similar Description - SST39VF801C-70-4I-B3QE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com