Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF802C-70-4I-MAKE Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST39VF802C-70-4I-MAKE
Description  8 Mbit (x16) Multi-Purpose Flash Plus
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF802C-70-4I-MAKE Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST39VF802C-70-4I-MAKE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF802C-70-4I-MAKE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF802C-70-4I-MAKE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF802C-70-4I-MAKE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF802C-70-4I-MAKE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF802C-70-4I-MAKE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF802C-70-4I-MAKE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39VF802C-70-4I-MAKE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39VF802C-70-4I-MAKE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
©2011 Silicon Storage Technology, Inc.
DS25041A
05/11
11
8 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C / SST39VF802C / SST39LF801C / SST39LF802C
Data Sheet
A Microchip Technology Company
the specific software command codes. During SDP command sequence, invalid commands will abort
the device to read mode within TRC. The contents of DQ15-DQ8 can be VIL or VIH, but no other value,
during any SDP command sequence.
Common Flash Memory Interface (CFI)
The SST39VF801C/802C and SST39LF801C/802C also contain the CFI information to describe the
characteristics of the device. In order to enter the CFI Query mode, the system writes a three-byte
sequence, same as product ID entry command with 98H (CFI Query command) to address 555H in
the last byte sequence. Additionally, the system can use the one-byte sequence with 55H on the
Address and 89H on the Data Bus to enter the CFI Query mode. Once the device enters the CFI
Query mode, the system can read CFI data at the addresses given in Tables 8 through 10. The system
must write the CFI Exit command to return to Read mode from the CFI Query mode.
Product Identification
The Product Identification mode identifies the devices as the SST39VF801C / SST39VF802C /
SST39LF801C / SST39LF802C, and manufacturer as SST. This mode may be accessed software
operations. Users may use the Software Product Identification operation to identify the part (i.e., using
the device ID) when using multiple manufacturers in the same socket. For details, see Table 7 for soft-
ware operation, Figure 14 for the Software ID Entry and Read timing diagram and Figure 24 for the
Software ID Entry command sequence flowchart.
Product Identification Mode Exit/CFI Mode Exit
In order to return to the standard Read mode, the Software Product Identification mode must be exited.
Exit is accomplished by issuing the Software ID Exit command sequence, which returns the device to
the Read mode. This command may also be used to reset the device to the Read mode after any inad-
vertent transient condition that apparently causes the device to behave abnormally, e.g., not read cor-
rectly. Please note that the Software ID Exit/CFI Exit command is ignored during an internal Program
or Erase operation. See Table 7 for software command codes, Figure 16 for timing waveform, and Fig-
ure 25 for flowcharts.
Table 5: Product Identification
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST39VF801C/SST39LF801C
0001H
233BH
SST39VF802C/SST39LF802C
0001H
233AH
T5.2 25041


Similar Part No. - SST39VF802C-70-4I-MAKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF800 SST-SST39VF800 Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4C-BK SST-SST39VF800-70-4C-BK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4C-EK SST-SST39VF800-70-4C-EK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4I-BK SST-SST39VF800-70-4I-BK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
SST39VF800-70-4I-EK SST-SST39VF800-70-4I-EK Datasheet
248Kb / 23P
   8 Megabit (512K x 16-Bit) Multi-Purpose Flash
More results

Similar Description - SST39VF802C-70-4I-MAKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201C MICROCHIP-SST39VF3201C Datasheet
264Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus
07/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com