Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BC847BS
Description  45 V, 100 mA NPN/NPN general-purpose transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847BS Datasheet(HTML) 5 Page - NXP Semiconductors

  BC847BS Datasheet HTML 1Page - NXP Semiconductors BC847BS Datasheet HTML 2Page - NXP Semiconductors BC847BS Datasheet HTML 3Page - NXP Semiconductors BC847BS Datasheet HTML 4Page - NXP Semiconductors BC847BS Datasheet HTML 5Page - NXP Semiconductors BC847BS Datasheet HTML 6Page - NXP Semiconductors BC847BS Datasheet HTML 7Page - NXP Semiconductors BC847BS Datasheet HTML 8Page - NXP Semiconductors BC847BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BC847BS_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 18 February 2009
5 of 12
NXP Semiconductors
BC847BS
45 V, 100 mA NPN/NPN general-purpose transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
FR4 PCB, mounting pad for collector 1 cm2
Fig 3.
Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
006aab421
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
δ = 1
0.75
0.50
0.33
0.10
0.05
0.02
0.01
0.20
0
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current
VCB =30V; IE = 0 A
--15
nA
VCB =30V; IE =0A;
Tj = 150 °C
--5
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =5V; IC = 2 mA
200
-
450
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
-
100
mV
IC = 100 mA; IB =5mA
[1] -
-
300
mV
VBEsat
base-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
755
-
mV
VBE
base-emitter voltage
IC = 2 mA; VCE = 5 V
580
655
700
mV
Cc
collector capacitance IE =ie = 0 A; VCB =10V;
f=1MHz
-
-
1.5
pF
Ce
emitter capacitance
IC =ic = 0 A; VEB = 0.5 V;
f=1MHz
-11
-
pF
fT
transition frequency
IC = 10 mA; VCE =5V;
f = 100 MHz
100
-
-
MHz


Similar Part No. - BC847BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BS PHILIPS-BC847BS Datasheet
45Kb / 8P
   NPN general purpose double transistor
1999 Apr 28
logo
GUANGDONG HOTTECH INDUS...
BC847BS HOTTECH-BC847BS Datasheet
323Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diodes Incorporated
BC847BS DIODES-BC847BS Datasheet
55Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 3 - 2
logo
SeCoS Halbleitertechnol...
BC847BS SECOS-BC847BS Datasheet
1Mb / 7P
   NPN Plastic Encapsulate Transistor
logo
NXP Semiconductors
BC847BS PHILIPS-BC847BS Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
More results

Similar Description - BC847BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
BC847QAS NXP-BC847QAS Datasheet
204Kb / 13P
   45 V, 100 mA NPN/NPN general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
BC847DS NEXPERIA-BC847DS Datasheet
1Mb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01 - 25 August 2009
BC847BS-Q NEXPERIA-BC847BS-Q Datasheet
241Kb / 11P
   45 V, 100 mA NPN/NPN general-purpose transistor
17 June 2021
logo
NXP Semiconductors
BC847DS NXP-BC847DS Datasheet
109Kb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01-25 August 2009
logo
Nexperia B.V. All right...
BC847BS NEXPERIA-BC847BS Datasheet
239Kb / 11P
   45 V, 100 mA NPN/NPN general-purpose transistor
1 July 2022
BC847XQB_SER NEXPERIA-BC847XQB_SER Datasheet
241Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 8 September 2021
BC847XQC-Q_SER NEXPERIA-BC847XQC-Q_SER Datasheet
260Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 21 May 2021
BC847XQC_SER NEXPERIA-BC847XQC_SER Datasheet
232Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 1 - 4 January 2021
BC847XQB-Q_SER NEXPERIA-BC847XQB-Q_SER Datasheet
241Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 3 - 8 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com