Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF1306-101Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRF1306-101Y
Description  Line Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF1306-101Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRF1306-101Y Datasheet HTML 1Page - Bourns Electronic Solutions SRF1306-101Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
START
4.0
(.157)
16.0
(.630)
END
USER DIRECTION OF FEED
200
(7.87)
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.75)
101Y
101Y
101Y
101Y
101Y
10
5
1
0.5
0.05
0.01
0.1
10
1
100
300
Frequency (MHz)
102Y
501Y
251Y
101Y
600Y
350Y
RF IMPEDANCE
ANALYZER
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
SRF1306 Series - Line Filter
Impedance Graph
Packaging Specifications
QTY: 600 PCS. PER REEL
REV. 09/09
DIMENSIONS:
MM
(INCHES)
MEASURING CIRCUIT
24.0
(.945)
26 +0
(1.02 +0)
30.4
(1.20)
2.0 ± 0.5
(.079 ± .020)
50.0 -0
(1.97 -0)
330
(12.99)
DIA.
13.0
(.512)
DIA.
13.0
(.512)
DIA.
21.0 ± 0.8
(.827 ± .031)


Similar Part No. - SRF1306-101Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
   SMD Line Filter
More results

Similar Description - SRF1306-101Y

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
UF10V2103YL ABC-UF10V2103YL Datasheet
573Kb / 5P
   LINE FILTER
logo
XFMRS Inc.
XF0103-ET24 XFMRS-XF0103-ET24 Datasheet
38Kb / 1P
   LINE FILTER
XF0053-00U7 XFMRS-XF0053-00U7 Datasheet
37Kb / 1P
   LINE FILTER
XF0083-ET20 XFMRS-XF0083-ET20 Datasheet
38Kb / 1P
   LINE FILTER
XF0203-00U3 XFMRS-XF0203-00U3 Datasheet
44Kb / 1P
   LINE FILTER
XF0203H-ET24 XFMRS-XF0203H-ET24 Datasheet
40Kb / 1P
   LINE FILTER
XF4706-00U3 XFMRS-XF4706-00U3 Datasheet
38Kb / 1P
   LINE FILTER
logo
Bourns Electronic Solut...
SRF1006-121Y BOURNS-SRF1006-121Y Datasheet
343Kb / 2P
   Line Filter
logo
XFMRS Inc.
XF0033-00U3 XFMRS-XF0033-00U3 Datasheet
89Kb / 2P
   LINE FILTER
XF0234-ET20 XFMRS-XF0234-ET20 Datasheet
44Kb / 1P
   LINE FILTER
XF0334-ET20 XFMRS-XF0334-ET20 Datasheet
95Kb / 1P
   LINE FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com