Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G157GV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G157GV
Description  Single 2-input multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G157GV Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G157GV Datasheet HTML 1Page - NXP Semiconductors 74LVC1G157GV Datasheet HTML 2Page - NXP Semiconductors 74LVC1G157GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G157GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G157GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G157GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G157GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G157GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G157GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74LVC1G157
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 31 December 2012
2 of 18
NXP Semiconductors
74LVC1G157
Single 2-input multiplexer
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74LVC1G157GW
40 Cto+125 C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74LVC1G157GV
40 C to +125 C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74LVC1G157GM
40 Cto+125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74LVC1G157GF
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1  0.5 mm
SOT891
74LVC1G157GN
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74LVC1G157GS
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
Table 2.
Marking
Type number
Marking code[1]
74LVC1G157GW
YP
74LVC1G157GV
YP
74LVC1G157GM
YP
74LVC1G157GF
YP
74LVC1G157GN
YP
74LVC1G157GS
YP
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aac652
I1
I0
S
Y
13
4
6
001aac653
G1
4
1
1
1
MUX
3
6


Similar Part No. - 74LVC1G157GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G157GV NXP-74LVC1G157GV Datasheet
80Kb / 15P
   Single 2-input multiplexer
Rev. 03 - 12 July 2007
74LVC1G157GV NXP-74LVC1G157GV Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157GV NEXPERIA-74LVC1G157GV Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
74LVC1G157GV-Q100 NEXPERIA-74LVC1G157GV-Q100 Datasheet
200Kb / 12P
   Single 2-input multiplexer
More results

Similar Description - 74LVC1G157GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G157 NXP-74LVC1G157 Datasheet
80Kb / 15P
   Single 2-input multiplexer
Rev. 03 - 12 July 2007
74LVC1G157GW-G NXP-74LVC1G157GW-G Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157 NEXPERIA-74LVC1G157 Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
logo
Unisonic Technologies
U74LVC1G158 UTC-U74LVC1G158 Datasheet
163Kb / 5P
   SINGLE 2-INPUT MULTIPLEXER
logo
Nexperia B.V. All right...
74AXP1G157 NEXPERIA-74AXP1G157 Datasheet
811Kb / 16P
   Single 2-input multiplexer
74LVC1G157-Q100 NEXPERIA-74LVC1G157-Q100 Datasheet
200Kb / 12P
   Single 2-input multiplexer
logo
National Semiconductor ...
MM54HCT157 NSC-MM54HCT157 Datasheet
141Kb / 6P
   2-Input Multiplexer , Quad 2-Input Multiplexer (Inverted Output)
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com