Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF1280-4R7Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRF1280-4R7Y
Description  Dual-Winding Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF1280-4R7Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRF1280-4R7Y Datasheet HTML 1Page - Bourns Electronic Solutions SRF1280-4R7Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
34
1
2
4
3
DUAL INDUCTOR MODE
SERIES MODE
2.15
(.085)
2.15
(.085)
1.28
(.050)
1.28
(.050)
4.50
(.204)
4.50
(.204)
13.00
(.512)
13.00
(.512)
Features
Multiple applications: parallel, series,
dual-inductor and transformer
Magnetically shielded, low radiation
Inductance range: 0.47 to 4000
μH
Rated current up to 17.9 A
RoHS compliant*
Applications
SEPIC topology
Power supplies for:
- Communication equipment
- Notebooks, desktop computers,
servers
- LCDs, flat panels, backlights
- Camcorders, HDTVs, car audio
systems
SRF1280 Series - Dual-Winding Shielded Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Voltage ..................................0.25 V
Hi-pot .................500 Vrms, 3 mA, 3 sec.
Reflow Soldering .. 230 °C; 50 sec. max.
Operating Temperature
................................. -40 °C to +125 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Resistance to Solder Heat
...............................+260 °C for 10 sec.
Electrical Specifications @ 25 °C
Bourns
Part No.
Parallel Rating
Series Rating
Inductance
@ 100 KHz
L (
μH)
Tol.
(%)
DCR
(
Ω)
Max.
Irms
(A)
Isat
(A)
Inductance
@ 100 KHz
L (
μH)
Tol.
(%)
DCR
(
Ω)
Max.
Irms
(A)
Isat
(A)
SRF1280-R47Y
0.47
±30
0.0055
17.9
56
1.88
±30 0.0216
8.94
28
SRF1280-1R0Y
1.0
±30
0.0067
15.5
40
4
±30
0.026
7.74
20
SRF1280-1R5Y
1.5
±30
0.0076
13.5
31.1
6
±30 0.0306
6.77
15.6
SRF1280-2R2Y
2.2
±30
0.0092
12.5
25.5
8.8
±30 0.0338
6.23
12.7
SRF1280-3R3Y
3.3
±30
0.011
10.4
21.5
13.2
±30
0.04
5.23
10.8
SRF1280-4R7Y
4.7
±30
0.0135
8.25
16.5
18.8
±30
0.05
4.13
8.24
SRF1280-6R8Y
6.8
±30
0.0183
7.34
13.3
27.2
±30 0.0656
3.67
6.67
SRF1280-8R2Y
8.2
±30
0.0191
6.32
12.2
32.8
±30 0.0714
3.16
6.09
SRF1280-100M
10
±20
0.0241
6.04
11.2
40
±20 0.0921
3.02
5.6
SRF1280-150M
15
±20
0.0333
5.03
9.66
60
±20
0.129
2.51
4.83
SRF1280-220M
22
±20
0.0503
4
7.57
88
±20
0.192
2
3.78
SRF1280-330M
33
±20
0.0664
3.23
6.22
132
±20
0.265
1.61
3.11
SRF1280-470M
47
±20
0.0898
2.95
5.28
188
±20
0.353
1.47
2.64
SRF1280-680M
68
±20
0.123
2.44
4.44
272
±20
0.469
1.22
2.22
SRF1280-820M
82
±20
0.153
2.09
4.06
328
±20
0.578
1.04
2.03
SRF1280-101M
100
±20
0.175
1.96
3.64
400
±20
0.701
0.98
1.82
SRF1280-151M
150
±20
0.261
1.59
3.01
600
±20
1.013
0.796
1.51
SRF1280-221M
220
±20
0.343
1.29
2.43
880
±20
1.38
0.645
1.22
SRF1280-331M
330
±20
0.54
1.04
2.01
1320
±20
2.172
0.522
1.01
SRF1280-471M
470
±20
0.865
0.85
1.68
1880
±20
3.3
0.427 0.838
SRF1280-681M
680
±20
1.296
0.76
1.39
2720
±20
4.888
0.38
0.697
SRF1280-821M
820
±20
1.632
0.65
1.27
3280
±20
5.896
0.325 0.633
SRF1280-102M
1000
±20
1.992
0.61
1.14
4000
±20
7.202
0.307 0.571
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Base ................................................ LCP
Adhesive.............................. Epoxy resin
Terminal ..............................................Sn
Rated Current
............ Inductance drops 30 % at Isat
Temperature Rise .....40 °C at rated Irms
Packaging....... 400 pcs. per 13-inch reel
Materials
Product Dimensions
Recommended Layout
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
N2
2
4
N1
1
3
N2
2
4
N1
1
3
N2
2
4
N1
1
3
PARALLEL
SERIES
How to Order
SRF1280 - 100M
Model
Value Code (see table)
12.50
(.492)
MAX.
MAX.
12.50
(.492)
MAX.
8.00
(.315)
4
3
1
2
1.80 ± 0.2
(.071 ± .008)
5.00 ± 0.3
(.197 ± .012)
5.00 ± 0.3
(.197 ± .012)
101


Similar Part No. - SRF1280-4R7Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF1280-4R7Y BOURNS-SRF1280-4R7Y Datasheet
362Kb / 2P
   Dual-Winding Shielded Power Inductors
More results

Similar Description - SRF1280-4R7Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
   Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
479Kb / 3P
   Dual-Winding Shielded Power Inductors
SRF1260A BOURNS-SRF1260A Datasheet
445Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1260 BOURNS-SRF1260_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
logo
RENCO ELECTRONICS, INC.
RLD-7500-0 RENCO-RLD-7500-0 Datasheet
1Mb / 5P
   SHIELDED DUAL WINDING SMD POWER INDUCTORS
logo
Cooper Bussmann, Inc.
DRQ73-R33-R COOPER-DRQ73-R33-R Datasheet
483Kb / 7P
   Dual Winding, Shielded Inductors/Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com