Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G157GW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC1G157GW
Description  Single 2-input multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G157GW Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC1G157GW Datasheet HTML 1Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 2Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 3Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 4Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G157GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
74LVC1G157
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 31 December 2012
5 of 18
NXP Semiconductors
74LVC1G157
Single 2-input multiplexer
9.
Recommended operating conditions
10. Static characteristics
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
Active mode
-
-
VCC
V
VCC = 0 V; Power-down mode
-
-
5.5
V
Tamb
ambient temperature
40
-
+125
C
t/V
input transition rise and fall rate VCC = 1.65 V to 2.7 V
-
-
20
ns/V
VCC = 2.7 V to 5.5 V
-
-
10
ns/V
Table 7.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.65 V to 1.95 V
0.65VCC
-
-
0.65VCC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-V
VIL
LOW-level
input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
-
0.35VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-0.3VCC
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = 100 A;
VCC =1.65Vto 5.5V
VCC  0.1
-
-
VCC  0.1
-
V
IO = 4mA; VCC = 1.65 V
1.2
1.54
-
0.95
-
V
IO = 8mA; VCC = 2.3 V
1.9
2.15
-
1.7
-
V
IO = 12 mA; VCC = 2.7 V
2.2
2.50
-
1.9
-
V
IO = 24 mA; VCC = 3.0 V
2.3
2.62
-
2.0
-
V
IO = 32 mA; VCC = 4.5 V
3.8
4.11
-
3.4
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO = 100 A;
VCC = 1.65 V to 5.5 V
-
-
0.10
-
0.10
V
IO =4mA; VCC = 1.65 V
-
0.07
0.45
-
0.70
V
IO =8mA; VCC = 2.3 V
-
0.12
0.30
-
0.45
V
IO =12mA; VCC = 2.7 V
-
0.17
0.40
-
0.60
V
IO =24mA; VCC = 3.0 V
-
0.33
0.55
-
0.80
V
IO =32mA; VCC = 4.5 V
-
0.39
0.55
-
0.80
V
II
input leakage
current
VI = 5.5 V or GND;
VCC =0Vto5.5 V
-
0.1
5-
20
A


Similar Part No. - 74LVC1G157GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G157GW NXP-74LVC1G157GW Datasheet
80Kb / 15P
   Single 2-input multiplexer
Rev. 03 - 12 July 2007
74LVC1G157GW NXP-74LVC1G157GW Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157GW NEXPERIA-74LVC1G157GW Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
logo
NXP Semiconductors
74LVC1G157GW-G NXP-74LVC1G157GW-G Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157GW-Q100 NEXPERIA-74LVC1G157GW-Q100 Datasheet
200Kb / 12P
   Single 2-input multiplexer
More results

Similar Description - 74LVC1G157GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G157 NXP-74LVC1G157 Datasheet
80Kb / 15P
   Single 2-input multiplexer
Rev. 03 - 12 July 2007
74LVC1G157GW-G NXP-74LVC1G157GW-G Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157 NEXPERIA-74LVC1G157 Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
logo
Unisonic Technologies
U74LVC1G158 UTC-U74LVC1G158 Datasheet
163Kb / 5P
   SINGLE 2-INPUT MULTIPLEXER
logo
Nexperia B.V. All right...
74AXP1G157 NEXPERIA-74AXP1G157 Datasheet
811Kb / 16P
   Single 2-input multiplexer
74LVC1G157-Q100 NEXPERIA-74LVC1G157-Q100 Datasheet
200Kb / 12P
   Single 2-input multiplexer
logo
National Semiconductor ...
MM54HCT157 NSC-MM54HCT157 Datasheet
141Kb / 6P
   2-Input Multiplexer , Quad 2-Input Multiplexer (Inverted Output)
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com