Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067D Datasheet(PDF) 15 Page - NXP Semiconductors

Part No. 74HCT4067D
Description  16-channel analog multiplexer/demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067D Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74HCT4067D Datasheet HTML 11Page - NXP Semiconductors 74HCT4067D Datasheet HTML 12Page - NXP Semiconductors 74HCT4067D Datasheet HTML 13Page - NXP Semiconductors 74HCT4067D Datasheet HTML 14Page - NXP Semiconductors 74HCT4067D Datasheet HTML 15Page - NXP Semiconductors 74HCT4067D Datasheet HTML 16Page - NXP Semiconductors 74HCT4067D Datasheet HTML 17Page - NXP Semiconductors 74HCT4067D Datasheet HTML 18Page - NXP Semiconductors 74HCT4067D Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
74HC_HCT4067
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
15 of 30
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
[1]
tpd is the same as tPHL and tPLH.
[2]
Due to higher Z terminal capacitance (16 switches versus 1) the delay figures to the Z terminal are higher than those to the Y terminal.
[3]
ton is the same as tPHZ and tPLZ.
[4]
toff is the same as tPZH and tPZL.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi + {(CL +Csw)  VCC2  fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
{(C
L +Csw)  VCC
2
 f
o} = sum of outputs;
CL = output load capacitance in pF;
Csw = switch capacitance in pF;
VCC = supply voltage in V.
ton
turn-on time
E to Yn; see Figure 13
[4]
VCC = 2.0 V
80
275
345
415
ns
VCC = 4.5 V
29
55
69
83
ns
VCC = 5.0 V; CL = 15 pF
26
-
-
-
ns
VCC = 6.0 V
23
47
59
71
ns
VCC = 9.0 V
17
42
53
63
ns
Sn to Yn
VCC = 2.0 V
88
300
375
450
ns
VCC = 4.5 V
32
60
75
90
ns
VCC = 5.0 V; CL = 15 pF
29
-
-
-
ns
VCC = 6.0 V
26
51
64
77
ns
VCC = 9.0 V
18
45
56
68
ns
E to Z
VCC = 2.0 V
85
275
345
415
ns
VCC = 4.5 V
31
55
69
83
ns
VCC = 6.0 V
25
47
59
71
ns
VCC = 9.0 V
18
42
53
63
ns
Sn to Z
VCC = 2.0 V
94
300
375
450
ns
VCC = 4.5 V
34
60
75
90
ns
VCC = 6.0 V
27
51
64
77
ns
VCC = 9.0 V
19
45
56
68
ns
CPD
power dissipation
capacitance
per switch; VI = GND to VCC
[5]
29
-
-
-
pF
Table 9.
Dynamic characteristics 74HC4067 …continued
GND = 0 V; tr = tf = 6 ns; CL = 50 pF unless specified otherwise; for test circuit see Figure 14.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Typ
Max
Max
(85
C)
Max
(125
C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn