Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067D Datasheet(PDF) 14 Page - NXP Semiconductors

Part No. 74HCT4067D
Description  16-channel analog multiplexer/demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067D Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HCT4067D Datasheet HTML 10Page - NXP Semiconductors 74HCT4067D Datasheet HTML 11Page - NXP Semiconductors 74HCT4067D Datasheet HTML 12Page - NXP Semiconductors 74HCT4067D Datasheet HTML 13Page - NXP Semiconductors 74HCT4067D Datasheet HTML 14Page - NXP Semiconductors 74HCT4067D Datasheet HTML 15Page - NXP Semiconductors 74HCT4067D Datasheet HTML 16Page - NXP Semiconductors 74HCT4067D Datasheet HTML 17Page - NXP Semiconductors 74HCT4067D Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
74HC_HCT4067
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
14 of 30
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
11. Dynamic characteristics
Table 9.
Dynamic characteristics 74HC4067
GND = 0 V; tr = tf = 6 ns; CL = 50 pF unless specified otherwise; for test circuit see Figure 14.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Typ
Max
Max
(85
C)
Max
(125
C)
tpd
propagation delay
Yn to Z; see Figure 12
[1][2]
VCC = 2.0 V
25
75
95
110
ns
VCC = 4.5 V
9
15
19
22
ns
VCC = 6.0 V
7
13
16
19
ns
VCC = 9.0 V
5
9
11
14
ns
Z to Yn
VCC = 2.0 V
18
60
75
90
ns
VCC = 4.5 V
6
12
15
18
ns
VCC = 6.0 V
5
10
13
15
ns
VCC = 9.0 V
4
8
10
12
ns
toff
turn-off time
E to Yn; see Figure 13
[3]
VCC = 2.0 V
74
250
315
375
ns
VCC = 4.5 V
27
50
63
75
ns
VCC = 5.0 V; CL = 15 pF
27
-
-
-
ns
VCC = 6.0 V
22
43
54
64
ns
VCC = 9.0 V
20
38
48
57
ns
Sn to Yn
VCC = 2.0 V
83
250
315
375
ns
VCC = 4.5 V
30
50
63
75
ns
VCC = 5.0 V; CL = 15 pF
29
-
-
-
ns
VCC = 6.0 V
24
43
54
64
ns
VCC = 9.0 V
21
38
48
57
ns
E to Z
VCC = 2.0 V
85
275
345
415
ns
VCC = 4.5 V
31
55
69
83
ns
VCC = 6.0 V
25
47
59
71
ns
VCC = 9.0 V
24
42
53
63
ns
Sn to Z
VCC = 2.0 V
94
290
365
435
ns
VCC = 4.5 V
34
58
73
87
ns
VCC = 6.0 V
27
47
62
74
ns
VCC = 9.0 V
25
45
56
68
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn