Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067D Datasheet(PDF) 13 Page - NXP Semiconductors

Part No. 74HCT4067D
Description  16-channel analog multiplexer/demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HCT4067D Datasheet HTML 9Page - NXP Semiconductors 74HCT4067D Datasheet HTML 10Page - NXP Semiconductors 74HCT4067D Datasheet HTML 11Page - NXP Semiconductors 74HCT4067D Datasheet HTML 12Page - NXP Semiconductors 74HCT4067D Datasheet HTML 13Page - NXP Semiconductors 74HCT4067D Datasheet HTML 14Page - NXP Semiconductors 74HCT4067D Datasheet HTML 15Page - NXP Semiconductors 74HCT4067D Datasheet HTML 16Page - NXP Semiconductors 74HCT4067D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
74HC_HCT4067
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
13 of 30
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
IS(ON)
ON-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
V
SW = VCC GND; see Figure 11
--
8.0
A
ICC
supply current
VI = VCC or GND; Vis = GND or VCC;
Vos =VCC or GND; VCC = 4.5 V to 5.5 V
-
-
80.0
A
I
CC
additional supply current
per input pin; VI = VCC  2.1 V; other inputs
at VCC or GND; VCC = 4.5 V to 5.5 V
pin E
-
-
270
A
pin Sn
-
-
225
A
Tamb = 40 C to +125 C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
II
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
1.0
A
IS(OFF)
OFF-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
V
SW = VCC GND; see Figure 10
per channel
-
-
1.0
A
all channels
-
-
8.0
A
IS(ON)
ON-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
V
SW = VCC GND; see Figure 11
--
8.0
A
ICC
supply current
VI = VCC or GND; Vis = GND or VCC;
Vos =VCC or GND; VCC = 4.5 V to 5.5 V
-
-
160
A
I
CC
additional supply current
per input pin; VI = VCC  2.1 V; other inputs
at VCC or GND; VCC = 4.5 V to 5.5 V
pin E
-
-
294
A
pin Sn
-
-
245
A
Table 8.
Static characteristics 74HCT4067 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vis = VCC and Vos = GND
Vis = GND and Vos = VCC
Vis = VCC and Vos = open
Vis = GND and Vos = open
Fig 10. Test circuit for measuring OFF-state leakage
current
Fig 11. Test circuit for measuring ON-state leakage
current
ISW
ISW
001aag734
VIH
Z
VCC
Yn
E
Vos
Vis
GND
ISW
001aag735
VIL
ZYn
E
Vos
Vis
GND
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn