Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067D Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. 74HCT4067D
Description  16-channel analog multiplexer/demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT4067D Datasheet HTML 6Page - NXP Semiconductors 74HCT4067D Datasheet HTML 7Page - NXP Semiconductors 74HCT4067D Datasheet HTML 8Page - NXP Semiconductors 74HCT4067D Datasheet HTML 9Page - NXP Semiconductors 74HCT4067D Datasheet HTML 10Page - NXP Semiconductors 74HCT4067D Datasheet HTML 11Page - NXP Semiconductors 74HCT4067D Datasheet HTML 12Page - NXP Semiconductors 74HCT4067D Datasheet HTML 13Page - NXP Semiconductors 74HCT4067D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
74HC_HCT4067
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
10 of 30
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
Vis = 0 V to (VCC  GND)
Vis = 0 V to (VCC  GND)
(1) VCC = 4.5 V
(2) VCC = 6.0 V
(3) VCC = 9.0 V
Fig 8.
Test circuit for measuring RON
Fig 9.
Typical RON as a function of input voltage Vis
001aag733
VIL
Z
VCC
Yn
E
ISW
Vis
GND
VSW
Vis (V)
0
9.0
7.2
3.6
5.4
1.8
mnb047
50
70
30
90
110
10
RON
(
Ω)
(1)
(2)
(3)
R
ON
V
SW
I
SW
----------
=
Table 7.
Static characteristics 74HC4067
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
1.2
-
V
VCC = 4.5 V
3.15
2.4
-
V
VCC = 6.0 V
4.2
3.2
-
V
VCC = 9.0 V
6.3
4.7
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
0.8
0.5
V
VCC = 4.5 V
-
2.1
1.35
V
VCC = 6.0 V
-
2.8
1.80
V
VCC = 9.0 V
-
4.3
2.70
V
II
input leakage current
VI = VCC or GND
VCC = 6.0 V
-
-
0.1
A
VCC = 10.0 V
-
-
0.2
A
IS(OFF)
OFF-state leakage current
VCC = 10.0 V; VI = VIH or VIL;
V
SW = VCC GND; see Figure 10
per channel
-
-
0.1
A
all channels
-
-
0.8
A
IS(ON)
ON-state leakage current
VCC = 10.0 V; VI = VIH or VIL;
V
SW = VCC GND; see Figure 11
--
0.8
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn