Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067D Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. 74HCT4067D
Description  16-channel analog multiplexer/demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT4067D Datasheet HTML 3Page - NXP Semiconductors 74HCT4067D Datasheet HTML 4Page - NXP Semiconductors 74HCT4067D Datasheet HTML 5Page - NXP Semiconductors 74HCT4067D Datasheet HTML 6Page - NXP Semiconductors 74HCT4067D Datasheet HTML 7Page - NXP Semiconductors 74HCT4067D Datasheet HTML 8Page - NXP Semiconductors 74HCT4067D Datasheet HTML 9Page - NXP Semiconductors 74HCT4067D Datasheet HTML 10Page - NXP Semiconductors 74HCT4067D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
74HC_HCT4067
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
7 of 30
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
8.
Limiting values
Table 3.
Function table[1]
Inputs
Channel ON
E
S3
S2
S1
S0
L
LLL
LY0 to Z
L
LLL
H
Y1 to Z
L
LLH
LY2 to Z
L
LLH
H
Y3 to Z
L
L
H
L
L
Y4 to Z
L
L
HL
HY5 to Z
L
L
H
H
L
Y6 to Z
L
L
HH
HY7 to Z
L
H
LL
LY8 to Z
L
H
L
L
H
Y9 to Z
L
H
LH
LY10 to Z
L
H
L
H
H
Y11 to Z
L
HHL
L
Y12 to Z
L
HHL
HY13 to Z
L
HHH
L
Y14 to Z
L
HHH
HY15 to Z
H
XXX
X-
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
[1]
0.5
+11.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
ISK
switch clamping current
VSW < 0.5 V or VSW >VCC +0.5 V
-
20
mA
ISW
switch current
VSW = 0.5 V to VCC +0.5 V
-
25
mA
ICC
supply current
-
50
mA
IGND
ground current
-
50
mA
Tstg
storage temperature
65
+150
C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn