Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4094N Datasheet(PDF) 15 Page - NXP Semiconductors

Part No. 74HC4094N
Description  8-stage shift-and-store bus register
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4094N Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74HC4094N Datasheet HTML 11Page - NXP Semiconductors 74HC4094N Datasheet HTML 12Page - NXP Semiconductors 74HC4094N Datasheet HTML 13Page - NXP Semiconductors 74HC4094N Datasheet HTML 14Page - NXP Semiconductors 74HC4094N Datasheet HTML 15Page - NXP Semiconductors 74HC4094N Datasheet HTML 16Page - NXP Semiconductors 74HC4094N Datasheet HTML 17Page - NXP Semiconductors 74HC4094N Datasheet HTML 18Page - NXP Semiconductors 74HC4094N Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
74HC_HCT4094
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 31 December 2012
15 of 23
NXP Semiconductors
74HC4094; 74HCT4094
8-stage shift-and-store bus register
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 12. Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 9.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74HC4094
VCC
6ns
15pF, 50 pF
1k
open
GND
VCC
74HCT4094
3 V
6 ns
15 pF, 50 pF
1 k
open
GND
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn