Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4094N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC4094N
Description  8-stage shift-and-store bus register
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4094N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4094N Datasheet HTML 5Page - NXP Semiconductors 74HC4094N Datasheet HTML 6Page - NXP Semiconductors 74HC4094N Datasheet HTML 7Page - NXP Semiconductors 74HC4094N Datasheet HTML 8Page - NXP Semiconductors 74HC4094N Datasheet HTML 9Page - NXP Semiconductors 74HC4094N Datasheet HTML 10Page - NXP Semiconductors 74HC4094N Datasheet HTML 11Page - NXP Semiconductors 74HC4094N Datasheet HTML 12Page - NXP Semiconductors 74HC4094N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
74HC_HCT4094
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 31 December 2012
9 of 23
NXP Semiconductors
74HC4094; 74HCT4094
8-stage shift-and-store bus register
11. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC4094
tpd
propagation
delay
CP to QS1; see Figure 8
[1]
VCC = 2.0 V
-
50
150
-
190
-
225
ns
VCC = 4.5 V
-
18
30
-
38
-
45
ns
VCC =5V; CL =15pF
-
15
-
-
-
-
-
ns
VCC = 6.0 V
-
14
26
-
33
-
38
ns
CP to QS2; see Figure 8
[1]
VCC = 2.0 V
-
44
135
-
170
-
205
ns
VCC = 4.5 V
-
16
27
-
34
-
41
ns
VCC =5V; CL =15pF
-
13
-
-
-
-
-
ns
VCC = 6.0 V
-
13
23
-
29
-
35
ns
CP to QPn; see Figure 8
[1]
VCC = 2.0 V
-
63
195
-
245
-
295
ns
VCC = 4.5 V
-
23
39
-
49
-
59
ns
VCC =5V; CL =15pF
-
20
-
-
-
-
-
ns
VCC = 6.0 V
-
18
33
-
42
-
50
ns
STR to QPn; see Figure 9
[1]
VCC = 2.0 V
-
58
180
-
225
-
270
ns
VCC = 4.5 V
-
21
36
-
45
-
54
ns
VCC =5V; CL =15pF
-
18
-
-
-
-
-
ns
VCC = 6.0 V
-
17
31
-
38
-
46
ns
ten
enable time
OE to QPn; see Figure 11
[2]
VCC = 2.0 V
-
55
175
-
220
-
265
ns
VCC = 4.5 V
-
20
35
-
44
-
53
ns
VCC = 6.0 V
-
16
30
-
37
-
45
ns
tdis
disable time
OE to QPn; see Figure 11
[3]
VCC = 2.0 V
-
41
125
-
155
-
190
ns
VCC = 4.5 V
-
15
25
-
31
-
38
ns
VCC = 6.0 V
-
12
21
-
26
-
32
ns
tt
transition
time
QPn and QSn; see
Figure 8
[4]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns


Similar Part No. - 74HC4094N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094N PHILIPS-74HC4094N Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
More results

Similar Description - 74HC4094N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com