Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4051DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC4051DB
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4051DB Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC4051DB Datasheet HTML 1Page - NXP Semiconductors 74HC4051DB Datasheet HTML 2Page - NXP Semiconductors 74HC4051DB Datasheet HTML 3Page - NXP Semiconductors 74HC4051DB Datasheet HTML 4Page - NXP Semiconductors 74HC4051DB Datasheet HTML 5Page - NXP Semiconductors 74HC4051DB Datasheet HTML 6Page - NXP Semiconductors 74HC4051DB Datasheet HTML 7Page - NXP Semiconductors 74HC4051DB Datasheet HTML 8Page - NXP Semiconductors 74HC4051DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1.
General description
The 74HC4051; 74HCT4051 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). The device is specified in compliance with JEDEC
standard no. 7A.
The 74HC4051; 74HCT4051 is an 8-channel analog multiplexer/demultiplexer with three
digital select inputs (S0 to S2), an active-LOW enable input (E), eight independent
inputs/outputs (Y0 to Y7) and a common input/output (Z). With E LOW, one of the eight
switches is selected (low impedance ON-state) by S0 to S2. With E HIGH, all switches are
in the high-impedance OFF-state, independent of S0 to S2.
VCC and GND are the supply voltage pins for the digital control inputs (S0 to S2, and E).
The VCC to GND ranges are 2.0 V to 10.0 V for 74HC4051 and 4.5 V to 5.5 V for
74HCT4051. The analog inputs/outputs (Y0 to Y7, and Z) can swing between VCC as a
positive limit and VEE as a negative limit. VCC  VEE may not exceed 10.0 V.
For operation as a digital multiplexer/demultiplexer, VEE is connected to GND (typically
ground).
2.
Features and benefits
Wide analog input voltage range from
5 V to +5 V
Low ON resistance:
80
 (typical) at V
CC  VEE =4.5 V
70
 (typical) at V
CC  VEE =6.0 V
60
 (typical) at V
CC  VEE =9.0 V
Logic level translation: to enable 5 V logic to communicate with
5 V analog signals
Typical ‘break before make’ built-in
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
CDM JESD22-C101E exceeds 1000 V
Multiple package options
Specified from
40 Cto +85 C and 40 Cto +125 C
3.
Applications
Analog multiplexing and demultiplexing
Digital multiplexing and demultiplexing
Signal gating
74HC4051; 74HCT4051
8-channel analog multiplexer/demultiplexer
Rev. 7 — 19 July 2012
Product data sheet


Similar Part No. - 74HC4051DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4051DB PHILIPS-74HC4051DB Datasheet
126Kb / 16P
   8-channel analog multiplexer/demultiplexer
December 1990
74HC4051DB NXP-74HC4051DB Datasheet
220Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 6-13 December 2011
74HC4051DB PHILIPS-74HC4051DB Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results

Similar Description - 74HC4051DB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com