Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC595PW-Q100 Datasheet(PDF) 12 Page - NXP Semiconductors

Part No. 74HC595PW-Q100
Description  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC595PW-Q100 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC595PW-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC595PW-Q100 Datasheet HTML 9Page - NXP Semiconductors 74HC595PW-Q100 Datasheet HTML 10Page - NXP Semiconductors 74HC595PW-Q100 Datasheet HTML 11Page - NXP Semiconductors 74HC595PW-Q100 Datasheet HTML 12Page - NXP Semiconductors 74HC595PW-Q100 Datasheet HTML 13Page - NXP Semiconductors 74HC595PW-Q100 Datasheet HTML 14Page - NXP Semiconductors 74HC595PW-Q100 Datasheet HTML 15Page - NXP Semiconductors 74HC595PW-Q100 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
74HC_HCT595_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 10 April 2013
12 of 23
NXP Semiconductors
74HC595-Q100; 74HCT595-Q100
8-bit serial-in, serial or parallel-out shift register with output latches;
3-state
[1]
Typical values are measured at nominal supply voltage.
[2]
tpd is the same as tPHL and tPLH.
[3]
tpd is the same as tPHL only.
[4]
ten is the same as tPZL and tPZH.
[5]
tdis is the same as tPLZ and tPHZ.
[6]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi + (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
(C
L  VCC
2
 f
o) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
[7]
All 9 outputs switching.
12. Waveforms
trec
recovery
time
MR to SHCP; see Figure 12
10
7-
13
-
15
-
ns
fmax
maximum
frequency
SHCP and STCP;
see Figure 9 and Figure 10
30
52
-
24
-
20
-
MHz
CPD
power
dissipation
capacitance
fi = 1 MHz; VI =GND to VCC [6][7]
-
130
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 14.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 9.
Shift clock pulse, maximum frequency and input to output propagation delays
mna557
SH
CP input
Q7S output
tPLH
tPHL
tW
1/fmax
VM
VOH
VI
GND
VOL
VM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn