Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC2603NE Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC2603NE
Description  6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2603NE Datasheet(HTML) 2 Page - Texas Instruments

  TPIC2603NE Datasheet HTML 1Page - Texas Instruments TPIC2603NE Datasheet HTML 2Page - Texas Instruments TPIC2603NE Datasheet HTML 3Page - Texas Instruments TPIC2603NE Datasheet HTML 4Page - Texas Instruments TPIC2603NE Datasheet HTML 5Page - Texas Instruments TPIC2603NE Datasheet HTML 6Page - Texas Instruments TPIC2603NE Datasheet HTML 7Page - Texas Instruments TPIC2603NE Datasheet HTML 8Page - Texas Instruments TPIC2603NE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPIC2603
6CHANNEL SERIAL INTERFACE LOW SIDE DRIVER
SLIS056A − FEBRUARY 1995 − REVISED MARCH 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description (continued)
When an over-current or shorted-load fault occurs, the channel transits into a low duty cycle
pulse-width-modulated (PWM) signal as long as the fault is present. More detail on fault detection operation is
presented in the device operation section of this data sheet.
The TPIC2603 provides pulldown resistors on all active-high inputs except SCLK. A pullup resistor is
used on CS.
The TPIC2603 is characterized for operation over the operating case temperature of − 40
°C to 125°C.
functional block diagram
DRAIN0
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
Fault Register
SDO
Serial Input Control
6-Bit Shift Register
Output Drivers
Fault Sense and Protection
(STB, Current-Limit, Open-Load,
Over-Temperature, Over-Voltage)
SCLK
CS
SDI
Vbat
VCC


Similar Part No. - TPIC2603NE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603NE TI-TPIC2603NE Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results

Similar Description - TPIC2603NE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
   Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com