Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT164D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT164D
Description  8-bit serial-in, parallel-out shift register
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT164D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT164D Datasheet HTML 5Page - NXP Semiconductors 74HCT164D Datasheet HTML 6Page - NXP Semiconductors 74HCT164D Datasheet HTML 7Page - NXP Semiconductors 74HCT164D Datasheet HTML 8Page - NXP Semiconductors 74HCT164D Datasheet HTML 9Page - NXP Semiconductors 74HCT164D Datasheet HTML 10Page - NXP Semiconductors 74HCT164D Datasheet HTML 11Page - NXP Semiconductors 74HCT164D Datasheet HTML 12Page - NXP Semiconductors 74HCT164D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74HC_HCT164
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 13 June 2013
9 of 20
NXP Semiconductors
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
 (C
L  VCC
2
 f
o) = sum of outputs.
CPD
power
dissipation
capacitance
per package;
VI =GND to VCC  1.5 V
[3]
-40-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; test circuit see Figure 10; unless otherwise specified
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
(1) Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Waveforms showing the clock (CP) to output (Qn) propagation delays, the clock pulse width, the output
transition times and the maximum clock frequency
001aal392
CP input
Qn output
tPHL
tPLH
tTHL
tTLH
tW
VOH
VI
GND
VOL
VM
VM
VX
VY
1/fmax
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC164
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT164
1.3 V
1.3 V
0.1VCC
0.9VCC


Similar Part No. - 74HCT164D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT164D PHILIPS-74HCT164D Datasheet
131Kb / 24P
   8-bit serial-in, parallel-out shift register
Rev. 03-4 April 2005
74HCT164D NXP-74HCT164D Datasheet
453Kb / 20P
   8-bit serial-in, parallel-out shift register
Rev. 04-2 February 2010
logo
Nexperia B.V. All right...
74HCT164D NEXPERIA-74HCT164D Datasheet
286Kb / 17P
   8-bit serial-in, parallel-out shift register
74HCT164D-Q100 NEXPERIA-74HCT164D-Q100 Datasheet
725Kb / 18P
   8-bit serial-in, parallel-out shift register
74HCT164D-Q100 NEXPERIA-74HCT164D-Q100 Datasheet
272Kb / 16P
   8-bit serial-in, parallel-out shift register
Rev. 2 - 11 June 2020
More results

Similar Description - 74HCT164D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com