Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC44L02DBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44L02DBR
Description  4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44L02DBR Datasheet(HTML) 4 Page - Texas Instruments

  TPIC44L02DBR Datasheet HTML 1Page - Texas Instruments TPIC44L02DBR Datasheet HTML 2Page - Texas Instruments TPIC44L02DBR Datasheet HTML 3Page - Texas Instruments TPIC44L02DBR Datasheet HTML 4Page - Texas Instruments TPIC44L02DBR Datasheet HTML 5Page - Texas Instruments TPIC44L02DBR Datasheet HTML 6Page - Texas Instruments TPIC44L02DBR Datasheet HTML 7Page - Texas Instruments TPIC44L02DBR Datasheet HTML 8Page - Texas Instruments TPIC44L02DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPIC44L01, TPIC44L02, TPIC44L03
4CHANNEL SERIAL AND PARALLEL LOW SIDE PREFET DRIVER
SLIS062B NOVEMBER 1996 – REVISED AUGUST 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
CS
8
I
Chip select. A high-to-low transition on CS enables SDO, latches fault data into the serial interface, and
refreshes FLT. When CS is high, the fault registers can change fault status. On the falling edge of CS, fault data
is latched into the serial output register and transferred using SDO and SCLK. On a low-to-high transition of
CS, serial data is latched in to the output control register.
DRAIN0
21
I
FET drain inputs. DRAIN0 through DRAIN3 are used for both open-load and short-circuit fault detection at the
DRAIN1
19
g
drain of the external FETs. They are also used for inductive transient protection.
DRAIN2
16
DRAIN3
14
FLT
1
I
Fault flag. FLT is a logic level open-drain output that provides a real-time fault flag for shorted-load/
open-load/over-battery voltage/under-battery voltage faults. The device can be ORed with FLT terminals on
other devices for interrupt handling. FLT requires an external pullup resistor.
GATE0
20
O
Gate drive output. GATE0 through GATE3 outputs are derived from the VBAT supply voltage. Internal clamps
GATE1
18
g
BAT
yg
prevent voltages on these nodes from exceeding the VGS rating on most FETs.
GATE2
17
GATE3
15
GND
13
I
Ground and substrate
IN0
4
I
Parallel gate driver. IN0 through IN3 are real-time controls for the gate predrive circuitry. They are CMOS
IN1
5
gg
g
y
y
compatible with hysteresis.
IN2
6
IN3
7
RESET
22
I
Reset. A high-to-low transition of RESET clears all registers and flags. Gate outputs turn off and the FLT flag
is cleared.
SCLK
11
I
Serial clock. SCLK clocks the shift register. Serial data is clocked into SDI and serial fault data is clocked out
of SDO on the falling edge of the serial clock.
SDI
10
I
Serial data input. Output control data is clocked into the serial register through SDI. A 1 on SDI commands a
particular gate output on and a 0 turns it off.
SDO
9
O
Serial data output. SDO is a 3-state output that transfers fault data to the controlling device. It also passes serial
input data to the next stage for cascaded operation. SDO is taken to a high-impedance state when CS is in a
high state.
VBAT
24
I
Battery supply voltage
VCC
12
I
Logic supply voltage
VCOMPEN
2
I
Fault reference voltage select. VCOMPEN selects the internally generated fault reference voltage (0) or an
external fault reference (1) to be used in the shorted- and open-load fault detection circuitry.
VCOMP
3
I
Fault reference voltage. VCOMP provides an external fault reference voltage for the shorted-load and
open-load fault detection circuitry.


Similar Part No. - TPIC44L02DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC44L02DB TI-TPIC44L02DB Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results

Similar Description - TPIC44L02DBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC46L01 TI-TPIC46L01 Datasheet
255Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
ON Semiconductor
NCV7512 ONSEMI-NCV7512 Datasheet
268Kb / 25P
   FLEXMOS Quad Low-Side Pre-Driver
December, 2008 ??Rev. 2
NCV7520 ONSEMI-NCV7520 Datasheet
460Kb / 38P
   Hex Low-side MOSFET Pre-driver
October, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com