Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC14PW Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. 74HC14PW
Description  Hex inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC14PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC14PW Datasheet HTML 5Page - NXP Semiconductors 74HC14PW Datasheet HTML 6Page - NXP Semiconductors 74HC14PW Datasheet HTML 7Page - NXP Semiconductors 74HC14PW Datasheet HTML 8Page - NXP Semiconductors 74HC14PW Datasheet HTML 9Page - NXP Semiconductors 74HC14PW Datasheet HTML 10Page - NXP Semiconductors 74HC14PW Datasheet HTML 11Page - NXP Semiconductors 74HC14PW Datasheet HTML 12Page - NXP Semiconductors 74HC14PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74HC_HCT14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 19 September 2012
9 of 21
NXP Semiconductors
74HC14; 74HCT14
Hex inverting Schmitt trigger
a. VCC =2.0 V
b. VCC =4.5 V
c. VCC =6.0 V
Fig 10. Typical 74HC transfer characteristics
0
2.0
50
0
10
20
30
40
0.4
0.8
1.2
1.6
mna846
ICC
(
μA)
VI (V)
05
1.0
0
0.2
0.4
0.6
0.8
12
3
4
mna847
ICC
(mA)
VI (V)
0
6.0
ICC
(mA)
VI (V)
1.0
0
0.2
0.4
0.6
0.8
1.2
2.4
3.6
4.8
mna848


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn