Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF0905-251Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRF0905-251Y
Description  Line Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF0905-251Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRF0905-251Y Datasheet HTML 1Page - Bourns Electronic Solutions SRF0905-251Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SRF0905 Series - Line Filter
Impedance Graphs
Packaging Specifications
QTY: 1000 PCS. PER REEL
REV. 09/10
7
5
3
500Y
400Y
250Y
100Y
1
0.7
0.5
0.3
0.1
1
3
10
30
100
300
Frequency (MHz)
0.1
0.3
1
3
10
30
0.1
0.3
1
3
10
30
100
100
Frequency (MHz)
Frequency (MHz)
7
20
10
8
5
2
1
5
3
1
0.7
0.5
0.3
251Y
471Y
501Y
102Y
202Y
652Y
472Y
RF IMPEDANCE
ANALYZER
18 +0
(.709 +0)
22.4
(.882)
2.0
± 0.5
(.079
± .020)
50.0 -0
(1.97 -0)
330
(12.99)
DIA.
13.0
(.512)
DIA.
13.0
(.512)
DIA.
21.0
± 0.8
(.827
± .031)
16.0
(.630)
START
4.0
(.157)
12.0
(.472)
END
USER DIRECTION OF FEED
200
(7.87)
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.75)
DIMENSIONS:
MM
(INCHES)
MEASURING CIRCUIT


Similar Part No. - SRF0905-251Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF0905-251Y BOURNS-SRF0905-251Y Datasheet
364Kb / 2P
   Inductance range: 10 to 6500 關H
More results

Similar Description - SRF0905-251Y

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
UF10V2103YL ABC-UF10V2103YL Datasheet
573Kb / 5P
   LINE FILTER
logo
XFMRS Inc.
XF0103-ET24 XFMRS-XF0103-ET24 Datasheet
38Kb / 1P
   LINE FILTER
XF0053-00U7 XFMRS-XF0053-00U7 Datasheet
37Kb / 1P
   LINE FILTER
XF0083-ET20 XFMRS-XF0083-ET20 Datasheet
38Kb / 1P
   LINE FILTER
XF0203-00U3 XFMRS-XF0203-00U3 Datasheet
44Kb / 1P
   LINE FILTER
XF0203H-ET24 XFMRS-XF0203H-ET24 Datasheet
40Kb / 1P
   LINE FILTER
XF4706-00U3 XFMRS-XF4706-00U3 Datasheet
38Kb / 1P
   LINE FILTER
logo
Bourns Electronic Solut...
SRF1006-121Y BOURNS-SRF1006-121Y Datasheet
343Kb / 2P
   Line Filter
logo
XFMRS Inc.
XF0033-00U3 XFMRS-XF0033-00U3 Datasheet
89Kb / 2P
   LINE FILTER
XF0234-ET20 XFMRS-XF0234-ET20 Datasheet
44Kb / 1P
   LINE FILTER
XF0334-ET20 XFMRS-XF0334-ET20 Datasheet
95Kb / 1P
   LINE FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com