Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC00N Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74HC00N
Description  Quad 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HC00N Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74HC_HCT00
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 14 December 2011
4 of 16
NXP Semiconductors
74HC00; 74HCT00
Quad 2-input NAND gate
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol Parameter
Conditions
74HC00
74HCT00
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C
t/V
input transition rise and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
--83
-
--ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC00
VIH
HIGH-level
input voltage
VCC = 2.0 V
-
1.2
-
1.5
-
1.5
-
V
VCC = 4.5 V
-
2.4
-
3.15
-
3.15
-
V
VCC = 6.0 V
-
3.2
-
4.2
-
4.2
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.8
-
-
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
-
-
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
-
-
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = 20 A; VCC = 2.0 V
-2.0
-1.9
-
1.9
-
V
IO = 20 A; VCC = 4.5 V
-4.5
-4.4
-
4.4
-
V
IO = 20 A; VCC = 6.0 V
-6.0
-5.9
-
5.9
-
V
IO = 4.0 mA; VCC = 4.5 V -
4.32
-
3.84
-
3.7
-
V
IO = 5.2 mA; VCC = 6.0 V -
5.81
-
5.34
-
5.2
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 20 A; VCC = 2.0 V
-0
--
0.1
-
0.1
V
IO = 20 A; VCC = 4.5 V
-0
--
0.1
-
0.1
V
IO = 20 A; VCC = 6.0 V
-0
--
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
-
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
-
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC =6.0 V
----
1-
1
A
ICC
supply current
VI = VCC or GND; IO =0A;
VCC =6.0 V
----
20
-
40
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn