Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV3253DS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74CBTLV3253DS
Description  Dual 1-of-4 multiplexer/demultiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV3253DS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74CBTLV3253DS Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3253DS Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3253DS Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3253DS Datasheet HTML 9Page - NXP Semiconductors 74CBTLV3253DS Datasheet HTML 10Page - NXP Semiconductors 74CBTLV3253DS Datasheet HTML 11Page - NXP Semiconductors 74CBTLV3253DS Datasheet HTML 12Page - NXP Semiconductors 74CBTLV3253DS Datasheet HTML 13Page - NXP Semiconductors 74CBTLV3253DS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74CBTLV3253
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 15 December 2011
10 of 19
NXP Semiconductors
74CBTLV3253
Dual 1-of-4 multiplexer/demultiplexer
11. Waveforms
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 14. The data input (nA or nBn) to output (nBn or nA) propagation delays
001aai367
VM
VM
VM
VM
VI
input
0 V
VOH
output
VOL
tPHL
tPLH
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VI
tr = tf
VM
VX
VY
2.3 V to 2.7 V
0.5VCC
VCC
 2.0 ns
0.5VCC
VOL +0.15V
VOH  0.15 V
3.0 V to 3.6 V
0.5VCC
VCC
 2.0 ns
0.5VCC
VOL +0.3 V
VOH  0.3 V
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 15. Enable and disable times
001aal212
tPLZ
tPHZ
switch
disabled
switch
enabled
VY
VX
switch
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE, Sn input
VI
VCC
VM
VM
VOL
VOH
GND
GND
tPZL
tPZH
VM
VM


Similar Part No. - 74CBTLV3253DS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3253DS NEXPERIA-74CBTLV3253DS Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
More results

Similar Description - 74CBTLV3253DS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV3253 PHILIPS-74CBTLV3253_15 Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253 NEXPERIA-74CBTLV3253 Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
74CBTLV3253-Q100 NEXPERIA-74CBTLV3253-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com