Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G32GF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP1G32GF
Description  Low-power 2-input OR-gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G32GF Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP1G32GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
74AUP1G32
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 July 2013
2 of 21
NXP Semiconductors
74AUP1G32
Low-power 2-input OR-gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G32GW
40 C to +125 C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74AUP1G32GM
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74AUP1G32GF
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1  0.5 mm
SOT891
74AUP1G32GN
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74AUP1G32GS
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
74AUP1G32GX
40 C to +125 C
X2SON5
X2SON5: plastic thermal enhanced extremely thin
small outline package; no leads; 5 terminals;
body 0.8
 0.8  0.35 mm
SOT1226
Table 2.
Marking
Type number
Marking code[1]
74AUP1G32GW
pG
74AUP1G32GM
pG
74AUP1G32GF
pG
74AUP1G32GN
pG
74AUP1G32GS
pG
74AUP1G32GX
pG
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna164
B
A
Y
2
1
4
mna165
4
≥1
2
1
mna166
B
A
Y


Similar Part No. - 74AUP1G32GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G32GM PHILIPS-74AUP1G32GM Datasheet
83Kb / 16P
   Low-power 2-input OR gate
Rev. 01-2 August 2005
logo
Nexperia B.V. All right...
74AUP1G32GM NEXPERIA-74AUP1G32GM Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AUP1G32GM-Q100 NEXPERIA-74AUP1G32GM-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
74AUP1G32GN NEXPERIA-74AUP1G32GN Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AUP1G32GS NEXPERIA-74AUP1G32GS Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
More results

Similar Description - 74AUP1G32GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G32 PHILIPS-74AUP1G32 Datasheet
83Kb / 16P
   Low-power 2-input OR gate
Rev. 01-2 August 2005
logo
Nexperia B.V. All right...
74AUP1G32 NEXPERIA-74AUP1G32 Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AXP1G32 NEXPERIA-74AXP1G32 Datasheet
797Kb / 17P
   Low-power 2-input OR gate
74AUP1G32-Q100 NEXPERIA-74AUP1G32-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
logo
NXP Semiconductors
74AUP2G32 NXP-74AUP2G32 Datasheet
100Kb / 17P
   Low-power dual 2-input OR gate
Rev. 03-8 January 2009
logo
Nexperia B.V. All right...
74AUP2G32 NEXPERIA-74AUP2G32 Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com