Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C512-1JL Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS27C512-1JL
Description  SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C512-1JL Datasheet(HTML) 2 Page - Texas Instruments

  TMS27C512-1JL Datasheet HTML 1Page - Texas Instruments TMS27C512-1JL Datasheet HTML 2Page - Texas Instruments TMS27C512-1JL Datasheet HTML 3Page - Texas Instruments TMS27C512-1JL Datasheet HTML 4Page - Texas Instruments TMS27C512-1JL Datasheet HTML 5Page - Texas Instruments TMS27C512-1JL Datasheet HTML 6Page - Texas Instruments TMS27C512-1JL Datasheet HTML 7Page - Texas Instruments TMS27C512-1JL Datasheet HTML 8Page - Texas Instruments TMS27C512-1JL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TMS27C512 65536 BY 8BIT UV ERASABLE
TMS27PC512 65536 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS512G − NOVEMBER 1985 − REVISED SEPTEMBER 1997
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description (continued)
These devices are fabricated using power-saving CMOS technology for high speed and simple interface with
MOS and bipolar circuits. All inputs (including program data inputs) can be driven by Series 74 TTL circuits
without the use of external pullup resistors. Each output can drive one Series 74 TTL circuit without external
resistors.
The data outputs are 3-state for connecting multiple devices to a common bus. The TMS27C512 and the
TMS27PC512 are pin compatible with 28-pin 512K MOS ROMs, PROMs, and EPROMs.
The TMS27C512 EPROM is offered in a dual-in-line ceramic package (J suffix) designed for insertion in
mounting hole rows on 15,2-mm (600-mil) centers. The TMS27PC512 OTP PROM is supplied in a 32-lead
plastic leaded chip carrier package using 1,25-mm (50-mil) lead spacing (FM suffix).
The TMS27C512 and TMS27PC512 are offered with two choices of temperature ranges of 0
°C to 70°C (JL and
FML suffix) and − 40
°C to 85°C (JE and FME suffix). See Table 1.
All package styles conform to JEDEC standards.
Table 1. Temperature Range Suffixes
EPROM
AND
SUFFIX FOR OPERATING
FREE-AIR TEMPERATURE RANGES
AND
OTP PROM
0
°C TO 70°C
−40
°C TO 85°C
TMS27C512-xxx
JL
JE
TMS27PC512-xxx
FML
FME
These EPROMs and OTP PROMs operate from a single 5-V supply (in the read mode), thus are ideal for use
in microprocessor-based systems. One other 13-V supply is needed for programming. All programming signals
are TTL level. The device is programmed using the SNAP! Pulse programming algorithm. The SNAP! Pulse
programming algorithm uses a VPP of 13 V and a VCC of 6.5 V for a nominal programming time of seven seconds.
For programming outside the system, existing EPROM programmers can be used. Locations can be
programmed singly, in blocks, or at random.


Similar Part No. - TMS27C512-1JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C512-1JL TI-TMS27C512-1JL Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C512-1JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC512-20NE TI-TMS27PC512-20NE Datasheet
198Kb / 13P
[Old version datasheet]   SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
logo
Murata Manufacturing Co...
SF2234E-1 MURATA-SF2234E-1 Datasheet
489Kb / 4P
   1985 MHz SAW Filter
logo
TE Connectivity Ltd
C-2134611 TEC-C-2134611 Datasheet
191Kb / 4P
   REVISED
logo
Projects Unlimited, Inc...
APS2709S-T-R PUI-APS2709S-T-R Datasheet
187Kb / 1P
   REVISED DIMENSIONS
AOW-4542P-B-R PUI-AOW-4542P-B-R Datasheet
172Kb / 1P
   REVISED IP RATING
AT-1224-TWT-4-R PUI-AT-1224-TWT-4-R Datasheet
189Kb / 1P
   REVISED BODY DIMENSION
logo
E-SWITCH
K200242 E-SWITCH-K200242 Datasheet
40Kb / 1P
   REVISED AND REDRAWN
logo
Projects Unlimited, Inc...
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
   REVISED RESONANT FREQUENCY
AT-1224-TWT-12V-R PUI-AT-1224-TWT-12V-R Datasheet
188Kb / 1P
   REVISED BODY DIMENSION
AT-1803-T-LW50-R PUI-AT-1803-T-LW50-R Datasheet
255Kb / 1P
   REVISED RESONANT FREQUENCY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com